Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLE18300X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LLE18300X
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18300X Datasheet(HTML) 4 Page - NXP Semiconductors

  LLE18300X Datasheet HTML 1Page - NXP Semiconductors LLE18300X Datasheet HTML 2Page - NXP Semiconductors LLE18300X Datasheet HTML 3Page - NXP Semiconductors LLE18300X Datasheet HTML 4Page - NXP Semiconductors LLE18300X Datasheet HTML 5Page - NXP Semiconductors LLE18300X Datasheet HTML 6Page - NXP Semiconductors LLE18300X Datasheet HTML 7Page - NXP Semiconductors LLE18300X Datasheet HTML 8Page - NXP Semiconductors LLE18300X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Apr 22
4
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18300X
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tmb =25 °C unless otherwise specified.
APPLICATION INFORMATION
Microwave performance up to Tmb =25 °C in a common emitter class AB amplifier.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Tj = 100 °C
2
K/W
Rth mb-h
thermal resistance from mounting base to heatsink
0.2
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =20V
−
3mA
V(BR)CER
collector-emitter breakdown voltage
IC = 15 mA; RBE = 220 Ω
30
−
V
V(BR)CBO
collector-base breakdown voltage
IC =15mA
45
−
V
V(BR)EBO
emitter-base breakdown voltage
IE =15mA
3
−
V
hFE
DC current gain
IC = 1 A; VCE = 3 V
15
100
MODE OF
OPERATION
f
(GHz)
VCE
(V)
ICQ
(A)
PL1
(W)
Gpo
(dB)
ηC
(%)
Zi; ZL
(
Ω)
Class AB (CW) 1.85
24
0.1
≥27
typ. 30
≥7.8
typ. 8.6
typ. 40
see Figs 8
and 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com