Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP3A13FTA Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # ZXMP3A13FTA
Description  P-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ZXMP3A13FTA Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  ZXMP3A13FTA Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ZXMP3A13FTA Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ZXMP3A13FTA Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ZXMP3A13FTA Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ZXMP3A13FTA Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ZXMP3A13FTA Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ZXMP3A13FTA Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd ZXMP3A13FTA Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd ZXMP3A13FTA Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
SOT-23 (TO-236): 3-LEAD
b
E
E1
1
3
2
S
e
e1
D
A2
A
A1
C
Seating Plane
0.10 mm
0.004"
C
C
L1
L
q
Gauge Plane
Seating Plane
0.25 mm
Dim
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.0004
0.004
A2
0.88
1.02
0.0346
0.040
b
0.35
0.50
0.014
0.020
c
0.085
0.18
0.003
0.007
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
0.95 BSC
0.0374 Ref
e1
1.90 BSC
0.0748 Ref
L
0.40
0.60
0.016
0.024
L1
0.64 Ref
0.025 Ref
S
0.50 Ref
0.020 Ref
q
3°8°
3°8°
ECN: S-03946-Rev. K, 09-Jul-01
DWG: 5479
ZXMP3A13FTA
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com