Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F002BT-55JF Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM29F002BT-55JF
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002BT-55JF Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM29F002BT-55JF Datasheet HTML 23Page - Advanced Micro Devices AM29F002BT-55JF Datasheet HTML 24Page - Advanced Micro Devices AM29F002BT-55JF Datasheet HTML 25Page - Advanced Micro Devices AM29F002BT-55JF Datasheet HTML 26Page - Advanced Micro Devices AM29F002BT-55JF Datasheet HTML 27Page - Advanced Micro Devices AM29F002BT-55JF Datasheet HTML 28Page - Advanced Micro Devices AM29F002BT-55JF Datasheet HTML 29Page - Advanced Micro Devices AM29F002BT-55JF Datasheet HTML 30Page - Advanced Micro Devices AM29F002BT-55JF Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
November 1, 2006 21527D5
Am29F002B/Am29F002NB
25
D A TA
SH EE T
AC CHARACTERISTICS
Read Operations
Notes:
1. Not 100% tested.
2. See Table 7 and Figure 8 for test specifications.
Parameter
Description
Speed Options
JEDEC
Std
Test Setup
-55
-70
-90
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
55
70
90
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
557090
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
557090
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
30
35
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
15
20
20
ns
tGHQZ
tDF
Output Enable to Output High Z
(Note 1)
Max
152020
ns
tOEH
Output Enable
Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First (Note 1)
Min
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
RESET#
n/a Am29F002NB
tDF
tOH
Figure 9.
Read Operations Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com