Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F002BB-55JF Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29F002BB-55JF
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002BB-55JF Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29F002BB-55JF Datasheet HTML 24Page - Advanced Micro Devices AM29F002BB-55JF Datasheet HTML 25Page - Advanced Micro Devices AM29F002BB-55JF Datasheet HTML 26Page - Advanced Micro Devices AM29F002BB-55JF Datasheet HTML 27Page - Advanced Micro Devices AM29F002BB-55JF Datasheet HTML 28Page - Advanced Micro Devices AM29F002BB-55JF Datasheet HTML 29Page - Advanced Micro Devices AM29F002BB-55JF Datasheet HTML 30Page - Advanced Micro Devices AM29F002BB-55JF Datasheet HTML 31Page - Advanced Micro Devices AM29F002BB-55JF Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
26
Am29F002B/Am29F002NB
21527D5 November 1, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Hardware Reset (RESET#)
Note: Not 100% tested. RESET# is not available on Am29F002NB.
Parameter
Description
All Speed Options
JEDEC
Std
Test Setup
Unit
tREADY
RESET# Pin Low (During Embedded
Algorithms) to Read or Write (See Note)
Max
20
µs
tREADY
RESET# Pin Low (NOT During Embedded
Algorithms) to Read or Write (See Note)
Max
500
ns
tRP
RESET# Pulse Width
Min
500
ns
tRH
RESET# High Time Before Read (See Note)
Min
50
ns
RESET#
n/a Am29F002NB
tRP
tReady
Reset Timings NOT during Embedded Algorithms
CE#, OE#
tRH
Reset Timings during Embedded Algorithms
RESET#
n/a Am29F002NB
tRP
Figure 10.
RESET# Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com