Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLE18300 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LLE18300
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18300 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LLE18300 Datasheet HTML 4Page - NXP Semiconductors LLE18300 Datasheet HTML 5Page - NXP Semiconductors LLE18300 Datasheet HTML 6Page - NXP Semiconductors LLE18300 Datasheet HTML 7Page - NXP Semiconductors LLE18300 Datasheet HTML 8Page - NXP Semiconductors LLE18300 Datasheet HTML 9Page - NXP Semiconductors LLE18300 Datasheet HTML 10Page - NXP Semiconductors LLE18300 Datasheet HTML 11Page - NXP Semiconductors LLE18300 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 Apr 22
8
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18300X
Fig.8 Input impedance as a function of frequency; typical values at PL =PL1.
VCE = 24 V; Zo =10 Ω; ICQ = 0.1 A.
handbook, full pagewidth
MBD735
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
0.2
0.5
1
10
5
2
2 GHz
1.85 GHz
1.7 GHz
Z i
Fig.9 Optimum load impedance as a function of frequency; typical values at PL =PL1.
VCE = 24 V; Zo =10 Ω; ICQ = 0.1 A.
handbook, full pagewidth
MBD736
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
0.2
0.5
1
10
5
2
2 GHz
1.85 GHz
1.7 GHz
Z L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com