Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV065DU121REF Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM29LV065DU121REF
Description  64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065DU121REF Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM29LV065DU121REF Datasheet HTML 38Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 39Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 40Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 41Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 42Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 43Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 44Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 45Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
42
Am29LV065D
February 16, 2006
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
XXXh
SA
tAH
tWP
tWC
tAS
tWPH
XXXh for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Note: SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”.
Figure 18.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com