Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMMT5401 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMMT5401
Description  MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMMT5401 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMMT5401 Datasheet HTML 1Page - Diodes Incorporated DMMT5401 Datasheet HTML 2Page - Diodes Incorporated DMMT5401 Datasheet HTML 3Page - Diodes Incorporated DMMT5401 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
DS30437 Rev. 5 - 2
1 of 4
DMMT5401
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Complementary NPN Type Available (DMMT5551)
·
Ideal for Low Power Amplification and Switching
·
Intrinsically Matched PNP Pair (Note 1)
·
2% Matched Tolerance, hFE, VCE(SAT), VBE(SAT)
·
Lead Free/RoHS Compliant (Note 4)
·
"Green" Device, Note 5 and 6
Maximum Ratings
@ TA = 25°C unless otherwise specified
A
M
J
L
D
F
B C
H
K
C
2
B
2
E
2
B
1
E
1
C
1
Mechanical Data
·
Case: SOT-26
·
Case Material: Molded Plastic, "Green" Molding
Compound, Note 7. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Copper leadframe).
·
Marking (See Page 2): K4S
·
Order & Date Code Information: See Page 2
·
Weight: 0.006 grams (approximate)
DMMT5401
MATCHED PNP SMALL SIGNAL SURFACE MOUNT
TRANSISTOR
Notes:
1. Built with adjacent die from a single wafer.
2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Maximum combined dissipation.
4. No purposefully added lead.
5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to
Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous (Note 2)
IC
-200
mA
Power Dissipation (Note 2, 3)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 2)
RqJA
417
°C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°
C
SOT-26
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
¾
¾
0.95
F
¾
¾
0.55
H
2.90
3.10
3.00
J
0.013 0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
a
0°
8°
¾
All Dimensions in mm
C2
E2
E1
C1
B2
B1
C2
E2
E1
C1
B2
B1
Features
SPICE MODEL: DMMT5401


Similar Part No. - DMMT5401

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMMT5401 DIODES-DMMT5401 Datasheet
99Kb / 3P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30437 Rev. 1 - 2
logo
Micro Commercial Compon...
DMMT5401 MCC-DMMT5401 Datasheet
83Kb / 2P
Plastic-Encapsulate Transistors
logo
Diodes Incorporated
DMMT5401 DIODES-DMMT5401 Datasheet
117Kb / 4P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30437 Rev. 6 - 2
logo
Guangdong Kexin Industr...
DMMT5401 KEXIN-DMMT5401 Datasheet
1Mb / 3P
PNP Transistors
logo
Diodes Incorporated
DMMT5401-7-F DIODES-DMMT5401-7-F Datasheet
117Kb / 4P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30437 Rev. 6 - 2
More results

Similar Description - DMMT5401

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMMT3906 DIODES-DMMT3906 Datasheet
92Kb / 3P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30293 Rev. A-2
DMMT3906W DIODES-DMMT3906W Datasheet
67Kb / 3P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30312 Rev. 3 - 2
DMMT5401 DIODES-DMMT5401 Datasheet
99Kb / 3P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30437 Rev. 1 - 2
DMMT3906 DIODES-DMMT3906_1 Datasheet
162Kb / 4P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30293 Rev. 5 - 2
DMMT3906W DIODES-DMMT3906W_1 Datasheet
161Kb / 4P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30312 Rev. 9 - 2
DMMT3906 DIODES-DMMT3906_2 Datasheet
130Kb / 4P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
DMMT3906W DIODES-DMMT3906W_2 Datasheet
183Kb / 4P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
DMMT5401 DIODES-DMMT5401_2 Datasheet
117Kb / 4P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30437 Rev. 6 - 2
DMMT3906 DIODES-DMMT3906_15 Datasheet
130Kb / 4P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 6
DMMT5401 DIODES-DMMT5401_15 Datasheet
117Kb / 4P
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com