Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM139 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM139
Description  Quad voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM139 Datasheet(HTML) 2 Page - NXP Semiconductors

  LM139 Datasheet HTML 1Page - NXP Semiconductors LM139 Datasheet HTML 2Page - NXP Semiconductors LM139 Datasheet HTML 3Page - NXP Semiconductors LM139 Datasheet HTML 4Page - NXP Semiconductors LM139 Datasheet HTML 5Page - NXP Semiconductors LM139 Datasheet HTML 6Page - NXP Semiconductors LM139 Datasheet HTML 7Page - NXP Semiconductors LM139 Datasheet HTML 8Page - NXP Semiconductors LM139 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
LM139/239/239A/339/339A
/LM2901/MC3302
Quad voltage comparator
2
1995 Nov 27
853-0930 16050
DESCRIPTION
The LM139 series consists of four independent precision voltage
comparators, with an offset voltage specification as low as 2.0mV
max for each comparator, which were designed specifically to
operate from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low
power supply current drain is independent of the magnitude of the
power supply voltage. These comparators also have a unique
characteristic in that the input common–mode voltage range
includes ground, even though they are operated from a single power
supply voltage.
The LM139 series was designed to directly interface with TTL and
CMOS. When operated from both plus and minus power supplies,
the LM139 series will directly interface with MOS logic where their
low power drain is a distinct advantage over standard comparators.
FEATURES
• Wide single supply voltage range 2.0V
DC to 36VDC or dual
supplies
±1.0VDC to ±18VDC
• Very low supply current drain (0.8mA) independent of supply
voltage (1.0mW/comparator at 5.0VDC)
• Low input biasing current 25nA
• Low input offset current ±5nA and offset voltage
• Input common–mode voltage range includes ground
• Differential input voltage range equal to the power supply voltage
• Low output 250mV at 4mA saturation voltage
• Output voltage compatible with TTL, DTL, ECL, MOS and CMOS
logic systems
APPLICATIONS
• A/D converters
• Wide range VCO
• MOS clock generator
• High voltage logic gate
• Multivibrators
PIN CONFIGURATION
1
2
3
4
5
6
78
14
13
12
11
10
9
OUTPUT 2
OUTPUT 1
V+
INPUT 1 –
INPUT 1 +
OUTPUT 3
TOP VIEW
D, F, N Packages
INPUT 1 –
INPUT 1 +
OUTPUT 4
GND
INPUT 4 –
INPUT 3 +
INPUT 3 –
INPUT 4 +
1
23
4
SL00070
Figure 1. Pin Configuration
EQUIVALENT CIRCUIT
V +
100
µA
3.5
µA
3.5
µA
100
µA
Q1
Q2
Q3
Q4
Q8
Q7
Q6
Q5
– INPUT
OUTPUT
+ INPUT
(1 Comparator Only)
SL00071
Figure 2. Equivalent Circuit
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14–Pin Ceramic Dual In-Line Package (Cerdip)
–55 to +125
°C
LM139F
0581B
14–Pin Plastic Dual In-Line Package (DIP)
–25
°C to +85°C
LM239AN
SOT27-1
14–Pin Plastic Dual In-Line Package (DIP)
–25
°C to +85°C
LM239N
SOT27-1
14–Pin Plastic Small Outline (SO) Package
–25
°C to +85°C
LM239D
SOT108-1
14–Pin Plastic Dual In-Line Package (DIP)
–40
°C to +125°C
LM2901N
SOT27-1
14–Pin Plastic Small Outline (SO) Package
–40
°C to +125°C
LM2901D
SOT108-1
14–Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM339AN
SOT27-1
14–Pin Plastic Small Outline (SO) Package
0 to +70
°C
LM339D
SOT108-1
14–Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM339N
SOT27-1
14–Pin Plastic Small Outline (SO) Package
–40
°C to +85°C
MC3302D
SOT108-1
14–Pin Ceramic Dual In-Line Package (Cerdip)
–40
°C to +85°C
MC3302F
0581B
14–Pin Plastic Dual In-Line Package (DIP)
–40
°C to +85°C
MC3302N
SOT27-1
14–Pin Plastic Dual In-Line Package (DIP)
–55 to +125
°C
LM139N
SOT27-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com