Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA004 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDA004
Description  DATA BUS TRANSIENT SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDA004 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDA004 Datasheet HTML 1Page - Diodes Incorporated SDA004 Datasheet HTML 2Page - Diodes Incorporated SDA004 Datasheet HTML 3Page - Diodes Incorporated SDA004 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pb
Lead-free
A
M
J
L
D
B C
H
K
F
TOP VIEW
DS30452 Rev. 4 - 2
1 of 4
SDA004
www.diodes.com
ã Diodes Incorporated
SDA004
DATA BUS TRANSIENT SUPPRESSOR
Features
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
Forward Continuous Current (Note 2)
IFM
500
mA
Repetitive Peak Forward Current @ Tp = 5
ms, f = 50kHz (Note 2)
IFRM
1000
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0s
IFSM
20
2.0
A
Clamping Voltage (Note 3) @ Ipp = 20A
8x20
ms Waveform
VC
16
V
Power Dissipation (Note 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj , TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Orientation: See Diagram Below
·
Marking: See Last Page
·
Weight: 0.006 grams (approximate)
Mechanical Data
·
ESD Protection >30kV (Human Body Model) (Note 1)
·
Ultra-Small Surface Mount Package
·
Protects 2 Data Lines
·
Low Leakage <25nA
·
Low Capacitance 3pF Typ.
·
Protects USB 2.0 and USB 1.1
·
Lead Free by Design/RoHS Compliant (Note 4)
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8
°
All Dimensions in mm
I/01
I/02
V2
N
V1
N
V 2
p
V1
p
Notes:
1. Tested with VP connected to VN to simulate appropriate VBUS/VCC decoupling to ground.
2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Referenced to Vp or VN.
4. No purposefully added lead.
IEC Compatibility (Note 1)
·
61000-4-2 (ESD) Air-30kV Contact-30kV
·
61000-4-4 (EFT) 40A, 5/50 ns
·
61000-4-5 (Surge) 8x20
ms, 20 Amperes
Data
Line n
Data
Line n+1
V
/V
BUS
CC
APPLICATION
Ground
I/01
I/02
V1
N
V1
p
V2
p
V2
N


Similar Part No. - SDA004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDA004 DIODES-SDA004 Datasheet
147Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 8 - 2
SDA004-7 DIODES-SDA004-7 Datasheet
147Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 8 - 2
SDA004 DIODES-SDA004_08 Datasheet
147Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 8 - 2
SDA004 DIODES-SDA004_15 Datasheet
96Kb / 5P
DATA BUS TRANSIENT SUPPRESSOR
Rev 9
More results

Similar Description - SDA004

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5 Datasheet
76Kb / 2P
DATA LINE TRANSIENT SUPPRESSOR
logo
Diodes Incorporated
SDA006 DIODES-SDA006 Datasheet
98Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 3 - 2
DLPA006 DIODES-DLPA006_1 Datasheet
494Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 4 - 2
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5_09 Datasheet
95Kb / 3P
DATA LINE TRANSIENT SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Diodes Incorporated
SDA004 DIODES-SDA004_08 Datasheet
147Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 8 - 2
DLPA004 DIODES-DLPA004 Datasheet
86Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS31593 Rev. 4 - 2
SDA004 DIODES-SDA004_15 Datasheet
96Kb / 5P
DATA BUS TRANSIENT SUPPRESSOR
Rev 9
DLPA004 DIODES-DLPA004_15 Datasheet
86Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
Rev erse
SDA006 DIODES-SDA006_15 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com