| Electronic Components Datasheet Search |
|
AM29LV320DB90REF Datasheet(PDF) 55 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV320DB90REF Datasheet(HTML) 55 Page - Advanced Micro Devices |
|
55 / 57 page ![]() December 14, 2005 Am29LV320D 53 DA TA SH EET REVISION SUMMARY Revision A (November 1, 2000) Initial release. Revision A+1 (January 23, 2001) Ordering Information Corrected FBGA part number table to include bottom boot part numbers. Revision A+2 (February 1, 2001) Connection Diagrams Corrected FBGA ball matrix. Revision A+3 (July 2, 2001) Global Changed data sheet status from Advance Information to Preliminary. Table 3, Top Boot Secured Silicon Sector Addresses Corrected sector block size for SA60–SA62 to 3x64. Sector/Sector Block Protection and Unprotection Noted that sectors are erased in parallel. Secured Silicon Sector Flash Memory Region Noted changes for upcoming versions of these de- vices: reduced Secured Silicons ector size, different ESN location for top boot devices, and deletion of Se- cured Silicon erase functionality. Current versions of these devices remain unaffected. Revision B (July 12, 2002) Global Deleted Preliminary status from document. Ordering Information Deleted burn-in option. Table 1, Am29LV320D Device Bus Operations In the legend, corrected VHH maximum voltage to 12.5 V. Secured Silicon Sector Flash Memory Region Added description of Secured Silicon protection verifi- cation. Autoselect Command Sequence Clarified description of function. Table 14, Am29LV320D Command Definitions Corrected autoselect codes for Secured Silicon Fac- tory Protect. Erase and Program Operations table Corrected to indicate tBUSY specification is a maximum value. Revision B+1 (July 30, 2002) Figure 3, Secured Silicon Sector Protect Verify Deleted fifth block in flowchart and modified text in fourth block. Revision C (October 25, 2002) Distinctive Characteristics Changed endurance from “write” to “erase” cycles. Connection Diagrams Deleted ultrasonic reference and added package types to special package handling text. Ordering Information Added commercial temperature range and removed extended temperature range. Secured Silicon Flash Memory Region Customer Lockable subsection: Deleted reference to alternate method of sector protection. Command Definitions Noted the following: Autoselect, Secured Silicon, and CFI functions are not available during a program or erase operation. ACC and unlock bypass modes are not available when the Secured Silicon Sector is enabled. Writing incorrect data or commands may place the de- vice in an unknown state. A reset command is then re- quired. AC Characteristics Read-only Operations; Word/Byte Configuration: Changed t DF and tFLQZ to 16 ns for all speed options. DC Characteristics Deleted I ACC and added ILR specifications from table. TSOP, SO, and BGA Package Capacitance Added BGA capacitance to table. Revision C+1 (February 16, 2003) Distinctive Characteristics Added reference to MirrorBit in Secured Silicon sec- tion. Added Sector Architecture section. Secured Silicon Flash Memory Region Referenced MirrorBit for an example in last sentence of first paragraph. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |