Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV256ML113RPGF Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM29LV256ML113RPGF
Description  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256ML113RPGF Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM29LV256ML113RPGF Datasheet HTML 61Page - Advanced Micro Devices AM29LV256ML113RPGF Datasheet HTML 62Page - Advanced Micro Devices AM29LV256ML113RPGF Datasheet HTML 63Page - Advanced Micro Devices AM29LV256ML113RPGF Datasheet HTML 64Page - Advanced Micro Devices AM29LV256ML113RPGF Datasheet HTML 65Page - Advanced Micro Devices AM29LV256ML113RPGF Datasheet HTML 66Page - Advanced Micro Devices AM29LV256ML113RPGF Datasheet HTML 67Page - Advanced Micro Devices AM29LV256ML113RPGF Datasheet HTML 68Page - Advanced Micro Devices AM29LV256ML113RPGF Datasheet HTML 69Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
66
Am29LV256M
December 16, 2005
D A TA SH EE T
Table 4. SecSi Sector Contents
Added x8 and x16
Operating Ranges
Changed the V
IO supply range to 1.65–3.6 V.
Erase and Programming Performance
Changed the typicals and/or maximums of Chip Erase
Time, Effective Write Buffer Program Time, and Pro-
gram Time to TBD.
Customer Lockable: SecSi Sector NOT
Programmed or Protected at the factory.
Added second bullet, SecSi sector-protect verify text
and figure 3.
Table 7. Device Geometry Definition
Changed the x16 data for 2Dh to 00FFh.
SecSi Sector Flash Memory Region, and Enter
SecSi Sector/Exit SecSi Sector Command
Sequence
Noted that the ACC function and unlock bypass modes
are not available when the SecSi sector is enabled.
Byte/Word Program Command Sequence, Sector
Erase Command Sequence, and Chip Erase Com-
mand Sequence
Noted that the SecSi Sector, autoselect, and CFI
functions are unavailable when a program or erase
operation is in progress.
Common Flash Memory Interface (CFI)
Changed CFI website address.
Revision B+5 (November 11, 2002)
Product Selector Guide and Read Only Operations
Added a 30 ns Page Access time and Output Enable
Access time to the 113R and 123R Speed Options.
Revision B+6 (December 2, 2002)
Global
Added Sector Group Protection and added Table 4.
Product Selector Guide
Added V
IOs to table and removed Note #2
Ordering Information
Corrected typos in V
IO ranges.
Removed Note.
Figure 6. Program Suspend/Program Resume
Change wait time to 15
μs.
Operating Ranges
Corrected typos in V
IO ranges.
Removed full voltage range.
CMOS Compatible
Changed V
IH1 and VIH2 minimum to 1.9.
Removed typos in notes.
Read-Only Characteristics
Added note #3.
Hardware Reset, Erase and Program Operations,
Temporary Sector Unprotect, and Alternate CE#
Controlled Erase and Program Operations
Added Note.
Revision C (February 14, 2003)
Distinctive Characteristics
Corrected performance characteristics.
Product Selector Guide
Removed 93R speed option.
Added note 2.
Ordering Information
Corrected Valid Combination to reflect speed option
changes.
Added Note.
AC Characteristics
Removed 93, 93R speed option.
Added Note
Input values in the t
WHWH1 and tWHWH2 parameters in
the Erase and Program Options table that were previ-
ously TBD. Also added notes 5 and 6.
Input values in the t
WHWH1 and tWHWH2 parameters in
the Alternate CE# Controlled Erase and Program Op-
tions table that were previously TBD. Also added notes
5.
Erase and Programming Performance
Input values into table that were previously TBD.
Added note 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com