Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV128MH93REF Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM29LV128MH93REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128MH93REF Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM29LV128MH93REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 23Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 24Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 25Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 26Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 27Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 28Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 29Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
26
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
Table 6.
CFI Query Identification String
Table 7.
System Interface String
Addresses (x16)
Data
Description
10h
11h
12h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
0002h
0000h
Primary OEM Command Set
15h
16h
0040h
0000h
Address for Primary Extended Table
17h
18h
0000h
0000h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)
Addresses (x16)
Data
Description
1Bh
0027h
VCC Min. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Ch
0036h
V
CC Max. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Dh
0000h
VPP Min. voltage (00h = no VPP pin present)
1Eh
0000h
VPP Max. voltage (00h = no VPP pin present)
1Fh
0007h
Typical timeout per single byte/word write 2N µs
20h
0007h
Typical timeout for Min. size buffer write 2N
µs (00h = not supported)
21h
000Ah
Typical timeout per individual block erase 2N ms
22h
0000h
Typical timeout for full chip erase 2N ms (00h = not supported)
23h
0001h
Max. timeout for byte/word write 2N times typical
24h
0005h
Max. timeout for buffer write 2N times typical
25h
0004h
Max. timeout per individual block erase 2N times typical
26h
0000h
Max. timeout for full chip erase 2N times typical (00h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com