Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LM2901
Description  Quad voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM2901 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LM2901 Datasheet HTML 2Page - NXP Semiconductors LM2901 Datasheet HTML 3Page - NXP Semiconductors LM2901 Datasheet HTML 4Page - NXP Semiconductors LM2901 Datasheet HTML 5Page - NXP Semiconductors LM2901 Datasheet HTML 6Page - NXP Semiconductors LM2901 Datasheet HTML 7Page - NXP Semiconductors LM2901 Datasheet HTML 8Page - NXP Semiconductors LM2901 Datasheet HTML 9Page - NXP Semiconductors LM2901 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
LM139/239/239A/339/339A/
LM2901/MC3302
Quad voltage comparator
1995 Nov 27
7
EQUIVALENT CIRCUIT
100k
Ω
500pF
10
0.1
µF
20k
Ω
50k
Ω
20k
Ω
V + /2
V +
30k
Ω
5.1k
Ω
700k
Ω
V – /2
–
+
+ VC
FREQUENCY
CONTROL
VOLTAGE
INPUT
3.0k
Ω
OUTPUT 1
OUTPUT 2
–
+
–
+
+ VREF HI
+ VIN
2RS
RS
2RS
+ V (12VDC)
10K
Ω
LAMP
2N2222
+
–
+
–
+
–
+ 5VDC
360
100
100k
+
–
+ 5VDC
360
100
100k
+
–
+ 5VDC
360
100
100k
+
–
+ 5VDC
360
100
100k
+ VREF 4
+ VREF 3
+ VREF 2
+ VREF 1
VO
+
–
V+
2.0k
Ω
V+
o
VO
1 – 100kHz
CRYSTAL
200k
Ω
200k
Ω
100k
Ω
0.1
µF
Crystal–Controlled Oscillator
Limit Comparator
Two–Decade High–Frequency VCO
Visible Voltage Indicator
+
–
TTL–to–MOS Logic Converter
NOTES:
V+ = 30VDC
+ 250m VDC < VC = 50VDC
700H < fO = 100kHz
NOTE:
Input of unused comparators should be grounded.
1/4LM339
1/4LM339
1/4LM339
+ VREF LO
5VDC
–12VDC
0.01
µF
V+
+ VREF
(1.4VDC)
10K
Ω
1/4LM339
VO
–12V
o
SL00072
Figure 3. Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com