Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D800BT90VC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # D800BT90VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D800BT90VC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button D800BT90VC Datasheet HTML 6Page - Advanced Micro Devices D800BT90VC Datasheet HTML 7Page - Advanced Micro Devices D800BT90VC Datasheet HTML 8Page - Advanced Micro Devices D800BT90VC Datasheet HTML 9Page - Advanced Micro Devices D800BT90VC Datasheet HTML 10Page - Advanced Micro Devices D800BT90VC Datasheet HTML 11Page - Advanced Micro Devices D800BT90VC Datasheet HTML 12Page - Advanced Micro Devices D800BT90VC Datasheet HTML 13Page - Advanced Micro Devices D800BT90VC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
8
Am29DL800B
21519C4 December 4, 2006
D A TA
SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29DL800B
T
70
E
I
TEMPERATURE RANGE
C
=
Commercial
(0°C to +70°C)
D
=
Commercial
(0°C to +70°C) with Pb-Free package
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-Free package
E
=
Extended (–55
°C to +125°C)
K
=
Extended (–55
°C to +125°C) with Pb-Free package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
S
=
44-Pin Small Outline Package (SO 044)
WB
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 9 mm package (FBB048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29DL800B
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP and SO Packages
AM29DL800BT70,
AM29DL800BB70
EC, EI, ED, EF
SC, SI, SD, SF
AM29DL800BT90,
AM29DL800BB90
EC, EI, EE, ED, EF, EK
SC, SI, SE, SD, SF, SK
AM29DL800BT120,
AM29DL800BB120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DL800BT70,
AM29DL800BB70
WBC,
WBI,
WBD,
WBF
D800BT70V,
D800BB70V
C, I,
D, F
AM29DL800BT90,
AM29DL800BB90
WBC,
WBI,
WBE,
WBD,
WBF,
WBK
D800BT90V,
D800BB90V
C, I, E,
D, F, K
AM29DL800BT120,
AM29DL800BB120
D800BT12V,
D800BB12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com