Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D800BB90VC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # D800BB90VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D800BB90VC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button D800BB90VC Datasheet HTML 10Page - Advanced Micro Devices D800BB90VC Datasheet HTML 11Page - Advanced Micro Devices D800BB90VC Datasheet HTML 12Page - Advanced Micro Devices D800BB90VC Datasheet HTML 13Page - Advanced Micro Devices D800BB90VC Datasheet HTML 14Page - Advanced Micro Devices D800BB90VC Datasheet HTML 15Page - Advanced Micro Devices D800BB90VC Datasheet HTML 16Page - Advanced Micro Devices D800BB90VC Datasheet HTML 17Page - Advanced Micro Devices D800BB90VC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
12
Am29DL800B
21519C4 December 4, 2006
D A TA
SH EET
Table 2.
Am29DL800BT Top Boot Sector Architecture
Note: The address range is A18:A-1 if in byte mode (BYTE# = VIL). The address range is A18:A0 if in word mode (BYTE# = VIH).
Bank
Sector
Sector Address
Sector Size
(Kbytes/
Kwords)
(x8)
Address Range
(x16)
Address Range
Bank Address
A15
A14
A13
A12
A18
A17
A16
Bank 2
SA0
0
0
0
0
X
X
X
64/32
00000h–0FFFFh
00000h–07FFFh
SA1
0
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA2
0
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA3
0
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA4
0
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA5
0
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA6
0
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA7
0
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh
SA8
1
0
0
0
X
X
X
64/32
80000h–8FFFFh
40000h–47FFFh
SA9
1
0
0
1
X
X
X
64/32
90000h–9FFFFh
48000h–4FFFFh
SA10
1
0
1
0
X
X
X
64/32
A0000h–AFFFFh
50000h–57FFFh
SA11
1
0
1
1
X
X
X
64/32
B0000h–BFFFFh
58000h–5FFFFh
SA12
1
1
0
0
X
X
X
64/32
C0000h–CFFFFh
60000h–67FFFh
SA13
1
1
0
1
X
X
X
64/32
D0000h–DFFFFh
68000h–6FFFFh
Bank 1
SA14
1
1
1
0
0
0
X
16/8
E0000h–E3FFFh
70000h–71FFFh
SA15
1
1
1
0
0
1
X
32/16
E4000h–E7FFFh,
E8000h–EBFFFh
72000h–73FFFh
74000h–75FFFh
1
0
X
SA16
1
1
1
0
1
1
0
8/4
EC000h–EDFFFh
76000h–76FFFh
SA17
1
1
1
0
1
1
1
8/4
EE000h–EFFFFh
77000h–77FFFh
SA18
1
1
1
1
0
0
0
8/4
F0000h–F1FFFh
78000h–78FFFh
SA19
1
1
1
1
0
0
1
8/4
F2000h–F3FFFh
79000h–79FFFh
SA20
1
1
1
1
0
1
X
32/16
F4000h–F7FFFh,
F8000h–FBFFFh
7A000h–7BFFFh
7C000h–7DFFFh
1
0
X
SA21
1
1
1
1
1
1
X
16/8
FC000h–FFFFFh
7E000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com