Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L800BT70VC Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # L800BT70VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L800BT70VC Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button L800BT70VC Datasheet HTML 12Page - Advanced Micro Devices L800BT70VC Datasheet HTML 13Page - Advanced Micro Devices L800BT70VC Datasheet HTML 14Page - Advanced Micro Devices L800BT70VC Datasheet HTML 15Page - Advanced Micro Devices L800BT70VC Datasheet HTML 16Page - Advanced Micro Devices L800BT70VC Datasheet HTML 17Page - Advanced Micro Devices L800BT70VC Datasheet HTML 18Page - Advanced Micro Devices L800BT70VC Datasheet HTML 19Page - Advanced Micro Devices L800BT70VC Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
14
Am29LV800B
Autoselect Mode
The autoselect mode provides manufacturer and
device identification, and sector protection verifica-
tion, through identifier codes output on DQ7–DQ0.
This mode is primarily intended for programming
equipment to automatically match a device to be pro-
grammed with its corresponding programming algo-
rithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Table 4. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (see Tables 2 and 3). Table
4 shows the remaining address bits that are don’t
care. When all necessary bits have been set as
required, the programming equipment may then read
the corresponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 1. This method
does not require VID. See “Command Definitions” for
details on using the autoselect mode.
Table 4. Am29LV800B Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector
Address, X = Don’t care.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The
hardware sector unprotection feature re-enables both
program and erase operations in previously protected
sectors.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is pro-
tected or unprotected. See “Autoselect Mode” for
details.
Sector Protection/unprotection can be implemented
via two methods.
The primary method requires VID on the RESET# pin
only, and can be implemented either in-system or via
programming equipment. Figure 2 shows the algo-
rithms and Figure 23 shows the timing diagram. This
method uses standard microprocessor bus cycle
timing. For sector unprotect, all unprotected sectors
must first be protected prior to the first sector unpro-
tect write cycle.
The alternate method intended only for programming
equipment requires VID on address pin A9 and OE#.
This method is compatible with programmer routines
written for earlier 3.0 volt-only AMD flash devices.
Publication number 20536 contains further details;
contact an AMD representative to request a copy.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system.
The Sector Unprotect mode is activated by setting the
RESET# pin to VID. During this mode, formerly pro-
tected sectors can be programmed or erased by
selecting the sector addresses. Once VID is removed
from the RESET# pin, all the previously protected
sectors are protected again. Figure 1 shows the algo-
rithm, and Figure 22 shows the timing diagrams, for
this feature.
Description
Mode
CE#
OE# WE#
A18
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
X
L
X
L
L
X
01h
Device ID:
Am29LV800B
(Top Boot Block)
Word
L
L
H
X
X
VID
X
L
X
L
H
22h
DAh
Byte
L
L
H
X
DAh
Device ID:
Am29LV800B
(Bottom Boot
Block)
Word
L
L
H
X
X
VID
X
L
X
L
H
22h
5Bh
Byte
L
L
H
X
5Bh
Sector Protection
Verification
L
L
H
SA
X
VID
X
L
X
H
L
X
01h
(protected)
X
00h
(unprotected
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com