Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM239AN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LM239AN
Description  Quad voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM239AN Datasheet(HTML) 4 Page - NXP Semiconductors

  LM239AN Datasheet HTML 1Page - NXP Semiconductors LM239AN Datasheet HTML 2Page - NXP Semiconductors LM239AN Datasheet HTML 3Page - NXP Semiconductors LM239AN Datasheet HTML 4Page - NXP Semiconductors LM239AN Datasheet HTML 5Page - NXP Semiconductors LM239AN Datasheet HTML 6Page - NXP Semiconductors LM239AN Datasheet HTML 7Page - NXP Semiconductors LM239AN Datasheet HTML 8Page - NXP Semiconductors LM239AN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
LM139/239/239A/339/339A/
LM2901/MC3302
Quad voltage comparator
1995 Nov 27
4
DC AND AC ELECTRICAL CHARACTERISTICS
V+=5VDC, LM139: –55°C ≤ TA ≤ 125°C; LM239/239A: –25°C ≤ TA ≤ 85°C; LM339/339A: 0°C ≤ TA ≤ 70°C;; LM2901: –40°C ≤ TA ≤ 125°C,
MC3302: –40
°C ≤ TA ≤ 85°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM239A/339A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VOS
Input offset voltage2
TA=25°C
Over temp.
±1.0
±2.0
±4.0
mV
mV
VCM
Input common–mode voltage
range3
TA=25°C
Over temp.
0
0
V+–1.5
V+–2.0
V
VIDR
Differential input voltage1
Keep all
VINs≥0VDC
(or V– if need)
V+
V
IBIAS
Input bias current4
IIN(+) or IIN(–) with output in
linear range
TA=25°C
Over temp.
25
250
400
nA
nA
IIN(+)–IIN(–)
IOS
Input offset current
TA=25°C
±5.0
±50
nA
Over temp.
±150
nA
IOL
Output sink current
VIN(–)≥1VDC, VIN(+)=0,
VO≤1.5VDC,
TA=25°C
6.0
16
mA
VIN(+)≥1VDC, VIN(–)=0
Output leakage current
VO=5VDC, TA=25°C
0.1
nA
VO=30VDC, over temp.
1.0
µA
ICC
Supply current
RL=∞
on comparators,
TA=25°C
V+=30V
0.8
2.0
mA
AV
Voltage gain
RL≥15kΩ,
V+=15VDC
50
200
V/mV
VOL
Saturation voltage
VIN(–)≥1VDC, VIN(+)=0,
ISINK≤4mA
TA=25°C
Over temp.
250
400
700
mV
mV
tLSR
Large–signal response time
VIN=TTL logic swing, VREF=1.4VDC, VRL=5VDC,
RL=5.1kΩ, TA=25°C
300
ns
tR
Response time5
VRL=5VDC, RL=5.1kΩ,
TA=25°C
1.3
µs
See notes at the end of the Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com