Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F800BB55VC Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # F800BB55VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

F800BB55VC Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button F800BB55VC Datasheet HTML 23Page - Advanced Micro Devices F800BB55VC Datasheet HTML 24Page - Advanced Micro Devices F800BB55VC Datasheet HTML 25Page - Advanced Micro Devices F800BB55VC Datasheet HTML 26Page - Advanced Micro Devices F800BB55VC Datasheet HTML 27Page - Advanced Micro Devices F800BB55VC Datasheet HTML 28Page - Advanced Micro Devices F800BB55VC Datasheet HTML 29Page - Advanced Micro Devices F800BB55VC Datasheet HTML 30Page - Advanced Micro Devices F800BB55VC Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
November 2, 2006 21504E5
Am29F800B
25
D A TA SH EE T
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. ICC active while Embedded Erase or Embedded Program is in progress.
2. Maximum ICC specifcations are tested with VCC = VCCmax
3. Not 100% tested.
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9, OE#, RESET Input Load
Current
VCC = VCC max,
A9 = OE# = RESET = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current
(Note 2)
CE# = VIL, OE# = VIH,
f = 5 MHz
Byte Mode
20
40
mA
CE# = VIL, OE# = VIH,
f = 5 MHz
Word Mode
28
50
mA
ICC2
VCC Active Write Current
(Notes 1, 2, 3)
CE# = VIL, OE# = VIH
30
50
mA
ICC3
VCC Standby Current (Note 2)
CE# and RESET# = VCC±0.5 V,
OE# = VIH
0.3
5
µA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 x VCC
VCC + 0.3
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 5.0 V
11.5
12.5
V
VOL
Output Low Voltage
IOL = 5.8 mA, VCC = VCC min
0.45
V
VOH1
Output High Voltage
IOH = –2.5 mA, VCC = VCC min
0.85 VCC
V
VOH2
IOH = –100 µA, VCC = VCC min
VCC–0.4
V
VLKO
Low VCC Lock-Out Voltage
(Note 3)
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com