Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2005K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2005K
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005K Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2005K Datasheet HTML 1Page - Diodes Incorporated DMN2005K Datasheet HTML 2Page - Diodes Incorporated DMN2005K Datasheet HTML 3Page - Diodes Incorporated DMN2005K Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30734 Rev. 3 - 2
1 of 4
www.diodes.com
DMN2005K
© Diodes Incorporated
DMN2005K
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
A
E
J
L
TOP VIEW
M
B
C
H
G
D
D
K
•
Low On-Resistance
•
Very Low Gate Threshold Voltage, 0.9V Max.
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Ultra-Small Surface Mount Package
•
Lead Free By Design/RoHS Compliant (Note 2)
•
"Green" Device (Note 4)
•
ESD Protected Gate
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating
94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Finish
⎯ Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking: See Page 4
•
Ordering & Date Code Information: See Page 4
•
Weight: 0.008 grams (approximate)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
Source
Body
Diode
Gate
Gate
Protection
Diode
Drain
ESD protected
EQUIVALENT CIRCUIT
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±10
V
Drain Current per element (Note 1)
Continuous
Pulsed (Note 3)
ID
300
600
mA
Total Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance, Junction to Ambient
RθJA
357
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1.
Device mounted on FR-4 PCB.
2.
No purposefully added lead.
3.
Pulse width
≤10μS, Duty Cycle ≤1%.
4.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
SPICE MODEL: DMN2005K


Similar Part No. - DMN2005K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2005K DIODES-DMN2005K Datasheet
246Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30734 Rev. 5 - 2
DMN2005K DIODES-DMN2005K Datasheet
396Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev 9
DMN2005K-7 DIODES-DMN2005K-7 Datasheet
246Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30734 Rev. 5 - 2
DMN2005K-7 DIODES-DMN2005K-7 Datasheet
396Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev 9
DMN2005K_0711 DIODES-DMN2005K_0711 Datasheet
246Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30734 Rev. 5 - 2
More results

Similar Description - DMN2005K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com