Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2005LPK-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2005LPK-7
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005LPK-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2005LPK-7 Datasheet HTML 1Page - Diodes Incorporated DMN2005LPK-7 Datasheet HTML 2Page - Diodes Incorporated DMN2005LPK-7 Datasheet HTML 3Page - Diodes Incorporated DMN2005LPK-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UNDER DEVELOPMENT
Notes:
5. Short duration test pulse used to minimize self-heating effect.
DS30836 Rev. 3 - 1
2 of 4
DMN2005LPK
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (per element) (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
¾¾
V
VGS = 0V, ID = 100
mA
Zero Gate Voltage Drain Current
IDSS
¾¾
10
mA
VDS = 17V, VGS = 0V
Gate-Source Leakage
IGSS
¾¾
±5
mA
VGS =
±8V, VDS = 0V
ON CHARACTERISTICS (per element) (Note 5)
Gate Threshold Voltage
VGS(th)
0.53
¾
1.2
V
VDS =VGS, ID = 100
mA
Static Drain-Source On-Resistance
RDS (ON)
¾
¾
¾
¾
¾
0.9
0.85
1.2
2.4
2.5
1.5
1.7
1.7
3.5
3.5
W
VGS = 4V, ID = 10mA
VGS = 2.7V, ID = 200mA
VGS = 2.5V, ID = 10mA
VGS = 1.8V, ID = 200mA
VGS = 1.5V, ID = 1mA
Forward Transfer Admittance
|Yfs|
40
¾¾
mS
VDS = 3V, ID = 10mA
0
0
12
3
4
5
V
DRAIN-SOURCE VOLTAGE (V)
Fig.1 Typical Output Characteristics
DS,
0.3
0.6
0.9
TBD
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2
GS
Reverse Drain Current
vs. Source-Drain Voltage
100
0
1000
200
300
400
500
600
700
800
900
0.4
0.8
1.2
1.6
2
TBD
T , CHANNEL TEMPERATURE (°C)
Fig. 3 Gate Threshold Voltage
vs. Channel Temperature
ch
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-75
-50
-25
025
50
75
100
125
150
TBD
0.1
I
DRAIN CURRENT (A)
Fig. 4 Static Drain-Source On-Resistance
Vs. Drain Current
D,
1
0.2
0.4
0.6
0.8
1.0
TBD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com