Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV256ML100FF Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM29LV256ML100FF
Description  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256ML100FF Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM29LV256ML100FF Datasheet HTML 47Page - Advanced Micro Devices AM29LV256ML100FF Datasheet HTML 48Page - Advanced Micro Devices AM29LV256ML100FF Datasheet HTML 49Page - Advanced Micro Devices AM29LV256ML100FF Datasheet HTML 50Page - Advanced Micro Devices AM29LV256ML100FF Datasheet HTML 51Page - Advanced Micro Devices AM29LV256ML100FF Datasheet HTML 52Page - Advanced Micro Devices AM29LV256ML100FF Datasheet HTML 53Page - Advanced Micro Devices AM29LV256ML100FF Datasheet HTML 54Page - Advanced Micro Devices AM29LV256ML100FF Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
December 16, 2005
Am29LV256M
49
D A TA SH EE T
AC CHARACTERISTICS
Read-Only Operations
Notes:
1.
Not 100% tested.
2.
See Figure 11 and Table 14 for test specifications.
3.
AC specifications listed are tested with V
IO = VCC. Contact AMD for information on AC operation with VIO ≠ VCC
Parameter
Description
Test Setup
Speed Options
JEDEC
Std.
103, 103R
113R
113
123R
123
Unit
t
AVAV
t
RC
Read Cycle Time (Note 1)
Min
100
110
120
ns
t
AVQV
t
ACC
Address to Output Delay
CE#,
OE# = V
IL
Max
100
110
120
ns
t
ELQV
t
CE
Chip Enable to Output Delay
OE# = V
IL
Max
100
110
120
ns
t
PACC Page Access Time
Max
30
30
40
30
40
ns
t
GLQV
t
OE
Output Enable to Output Delay
Max
30
30
40
30
40
ns
t
EHQZ
t
DF
Chip Enable to Output High Z
(Note 1)
Max
16
ns
t
GHQZ
t
DF
Output Enable to Output High Z
(Note 1)
Max
16
ns
t
AXQX
t
OH
Output Hold Time From Addresses,
CE# or OE#, Whichever Occurs
First
Min
0
ns
t
OEH
Output Enable
Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
t
tOH
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 13.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com