Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN5L06K Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN5L06K
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5L06K Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN5L06K Datasheet HTML 1Page - Diodes Incorporated DMN5L06K Datasheet HTML 2Page - Diodes Incorporated DMN5L06K Datasheet HTML 3Page - Diodes Incorporated DMN5L06K Datasheet HTML 4Page - Diodes Incorporated DMN5L06K Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS30929 Rev. 2 - 2
2 of 5
DMN5L06K
www.diodes.com
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Notes:
5. Short duration test pulse used to minimize self-heating effect.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
50
¾¾
V
VGS = 0V, ID = 10
mA
Zero Gate Voltage Drain Current
@ TC = 25°C
IDSS
¾¾
60
nA
VDS = 50V, VGS = 0V
Gate-Body Leakage
IGSS
¾¾
1
500
50
µA
nA
nA
VGS = ±12V, VDS = 0V
VGS = ±10V, VDS = 0V
VGS = ±5V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.49
¾
1.2
V
VDS =VGS, ID = 250
mA
Static Drain-Source On-Resistance
RDS (ON)
¾
¾
¾
¾
¾
¾
3.0
2.5
2.0
W
VGS = 1.8V, ID = 50mA
VGS = 2.5V, ID = 50mA
VGS = 5.0V, ID = 50mA
On-State Drain Current
ID(ON)
0.5
1.4
¾
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
|Yfs|
200
¾¾
mS
VDS =10V, ID = 0.2A
Source-Drain Diode Forward Voltage
VSD
0.5
¾
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾¾
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾¾
25
pF
Reverse Transfer Capacitance
Crss
¾¾
5.0
pF
0
0.3
0.6
0.9
01
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Fig.1 Typical Output Characteristics
1.2
1.5
6V
10V
5V
3V
4V
V= 10V
8V
6V
5V
4V
3V
GS
8V
V
, GATE-SOURCE VOLTAGE (V)
Fig.2 Typical Transfer Characteristics
GS
0.01
3
0.1
1
0
1
2
V
= 10V
Pulsed
DS
T= -55 C
A
°
T= -25 C
A
°
T = 125 C
A
°
T= 85 C
A
°
T= 25 C
A
°
T= 150 C
A
°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com