Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDL128G90PEE Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM29PDL128G90PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G90PEE Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM29PDL128G90PEE Datasheet HTML 33Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 34Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 35Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 36Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 37Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 38Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 39Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 40Page - Advanced Micro Devices AM29PDL128G90PEE Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
36
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
cess the SecSi Sector region by issuing the three-cy-
cle Enter SecSi Sector command sequence. The
device continues to access the SecSi Sector region
until the system issues the four-cycle Exit SecSi Sec-
tor command sequence. The Exit SecSi Sector com-
mand s equ enc e ret u r n s the dev ic e to nor m a l
operation. The SecSi Sector is not accessible when
the device is executing an Embedded Program or em-
bedded Erase algorithm. Table 15 and Table 17 show
the address and data requirements for both command
sequences. See also “SecSi™ (Secured Silicon) Sector
Flash Memory Region” for further information.
Note:
The ACC function and unlock bypass modes are not
available when the SecSi Sector is enabled.
Double Word/Word Program Command
Sequence
The system may program the device by double word
or word, depending on the state of the WORD# pin.
Programming is a four-bus-cycle operation. The pro-
gram command sequence is initiated by writing two
unlock write cycles, followed by the program set-up
command. The program address and data are written
next, which in turn initiate the Embedded Program al-
gorithm. The system is
not required to provide further
controls or timings. The device automatically provides
internally generated program pulses and verifies the
programmed cell margin. Table 14 and Table 16 show
the address and data requirements for the program
command sequence.
When the Embedded Program algorithm is complete,
that bank then returns to the read mode and ad-
dresses are no longer latched. The system can deter-
mine the status of the program operation by using
DQ7, DQ6, or RY/BY#. See “Write Operation Status”
on page 46 for information on these status bits.
Any commands written to the device during the Em-
bedded Program Algorithm are ignored. Note: A hard-
ware reset immediately terminates the program
operation.
Note: the SecSi Sector, autoselect, and CFI
functions are unavailable when a [program/erase] op-
eration is in progress. The program command se-
quence should be reinitiated once that bank has
returned to the read mode, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed
from “0” back to a “1.” Attempting to do so may
cause that bank to set DQ5 = 1, or cause the DQ7 and
DQ6 status bits to indicate the operation was success-
ful. However, a succeeding read shows that the data is
still “0.” Only erase operations convert a “0” to a “1.”
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to pro-
gram data to a bank faster than using the standard
program command sequence. The unlock bypass
command sequence is initiated by first writing two un-
lock cycles. This is followed by a third write cycle con-
taining the unlock bypass command, 20h. That bank
then enters the unlock bypass mode. A two-cycle un-
lock bypass program command sequence is all that is
required to program in this mode. The first cycle in this
sequence contains the unlock bypass program com-
mand, A0h; the second cycle contains the program
address and data. Additional data is programmed in
the same manner. This mode dispenses with the initial
two unlock cycles required in the standard program
command sequence, resulting in faster total program-
ming time. Table 14 and Table 16 show the require-
ments for the command sequence.
During the unlock bypass mode, only the Unlock By-
pass Program and Unlock Bypass Reset commands
are valid. To exit the unlock bypass mode, the system
must issue the two-cycle unlock bypass reset com-
mand sequence. (See Table 14).
The device offers accelerated program operations
through the ACC pin. When the system asserts V
HH on
the ACC pin, the device automatically enters the Un-
lock Bypass mode. The system may then write the
two-cycle Unlock Bypass program command se-
quence. The device uses the higher voltage on the
ACC pin to accelerate the operation.
Note: The ACC
pin must not be at VHH any operation other than accel-
erated programming, or device damage may result. In
addition, the ACC pin must not be left floating or un-
connected; inconsistent behavior of the device may re-
sult.
Figure 3 illustrates the algorithm for the program oper-
ation. See the table, “Erase and Program Operations”
on page 57 in “AC Characteristics” for parameters,
and Figure 16 for timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com