Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDL128G90PEF Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM29PDL128G90PEF
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G90PEF Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM29PDL128G90PEF Datasheet HTML 53Page - Advanced Micro Devices AM29PDL128G90PEF Datasheet HTML 54Page - Advanced Micro Devices AM29PDL128G90PEF Datasheet HTML 55Page - Advanced Micro Devices AM29PDL128G90PEF Datasheet HTML 56Page - Advanced Micro Devices AM29PDL128G90PEF Datasheet HTML 57Page - Advanced Micro Devices AM29PDL128G90PEF Datasheet HTML 58Page - Advanced Micro Devices AM29PDL128G90PEF Datasheet HTML 59Page - Advanced Micro Devices AM29PDL128G90PEF Datasheet HTML 60Page - Advanced Micro Devices AM29PDL128G90PEF Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
56
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
AC CHARACTERISTICS
Word/Double Word Configuration (WORD#)
Parameter
Speed Options
JEDEC
Std
Description
70R, 70
80
90
Unit
t
ELFL/tELFH
CE# to WORD# Switching Low or High
Max
5
ns
t
FLQZ
WORD# Switching Low to Output HIGH Z
Max
16
ns
t
FHQV
WORD# Switching High to Output Active
Min
70
80
90
ns
Data
Switching from
word mode to
double word mode
Switching from
double word mode
to word mode
tELFL
tELFH
tFLQZ
tFHQV
Address
Input
Address
Input
Output
Output
Output
Output
Output
Output
Output
Output
DQ30–DQ16
DQ30–DQ16
DQ31/A-1
DQ31/A-1
DQ15–DQ0
DQ15–DQ0
WORD#
WORD#
OE#
CE#
Figure 15.
WORD# Timings for Read Operations
Note: Refer to the Erase and Program Operations table for t
AS and tAH specifications.
Figure 16.
WORD# Timings for Write Operations
CE#
WE#
WORD#
The falling edge of the last WE# signal
t
HOLD (tAH)
t
SET
(t
AS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com