Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDL128G80PEK Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29PDL128G80PEK
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G80PEK Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29PDL128G80PEK Datasheet HTML 1Page - Advanced Micro Devices AM29PDL128G80PEK Datasheet HTML 2Page - Advanced Micro Devices AM29PDL128G80PEK Datasheet HTML 3Page - Advanced Micro Devices AM29PDL128G80PEK Datasheet HTML 4Page - Advanced Micro Devices AM29PDL128G80PEK Datasheet HTML 5Page - Advanced Micro Devices AM29PDL128G80PEK Datasheet HTML 6Page - Advanced Micro Devices AM29PDL128G80PEK Datasheet HTML 7Page - Advanced Micro Devices AM29PDL128G80PEK Datasheet HTML 8Page - Advanced Micro Devices AM29PDL128G80PEK Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
This Data Sheet states AMD’s current specifications regarding the Products described herein. This Data Sheet may
be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 25685
Rev: B Amendment/+4
Issue Date: October 28, 2004
Am29PDL128G
128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous
Read/ Write Flash Memory with VersatileIOTM Control
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
128Mbit Page Mode device
— Word (16-bit) or double word (32-bit) mode selectable via
WORD# input
— Page size of 8 words/4 double words: Fast page read access
from random locations within the page
Single power supply operation
— Full Voltage range: 2.7 to 3.6 volt read, erase, and program
operations for battery-powered applications
Simultaneous Read/Write Operation
— Data can be continuously read from one bank while
executing erase/program functions in another bank
— Zero latency switching from write to read operations
FlexBank Architecture
— 4 separate banks, with up to two simultaneous operations
per device
— Organized as two 16 Mbit banks (Bank 1 & 4) and two 48
Mbit banks (Bank 2 & 3)
VersatileI/O
TM (V
IO) Control
— Output voltage generated and input voltages tolerated on the
device is determined by the voltage on the V
IO pin
SecSi (Secured Silicon) Sector region
— 128 words (64 double words) accessible through a
command sequence
Both top and bottom boot blocks in one device
Manufactured on 0.17 µm process technology
20-year data retention at 125°C
Minimum 1 million erase cycle guarantee per sector
PERFORMANCE CHARACTERISTICS
High Performance
— Page access times as fast as 25 ns
— Random access times as fast as 70 ns
Power consumption (typical values at 10 MHz)
— 38 mA active read current
— 17 mA program/erase current
— 1.5 µA typical standby mode current
SOFTWARE FEATURES
Software command-set compatible with JEDEC 42.4
standard
— Backward compatible with Am29F and Am29LV families
CFI (Common Flash Interface) complaint
— Provides device-specific information to the system, allowing
host software to easily reconfigure for different Flash devices
Erase Suspend / Erase Resume
— Suspends an erase operation to allow read or program
operations in other sectors of same bank
Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
HARDWARE FEATURES
Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or erase
cycle completion
Hardware reset pin (RESET#)
— Hardware method to reset the device to reading array data
WP# (Write Protect) input
—At V
IL, protects the two top and two bottom sectors,
regardless of sector protect/unprotect status
—At V
IH, allows removal of sector protection
— An internal pull up to Vcc is provided
Persistent Sector Protection
— A command sector protection method to lock combinations
of individual sectors and sector groups to prevent program or
erase operations within that sector
— Sectors can be locked and unlocked in-system at V
CC level
Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups to
prevent program or erase operations within that sector using
a user-defined 64-bit password
ACC (Acceleration) input provides faster programming
times in a factory setting
Package options
— 80-ball Fortified BGA
Refer to AMD’s Website (www.amd.com) for the latest information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com