Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP451 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP451
Description  2 Channel Linear Controller with Independent Enable Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP451 Datasheet(HTML) 4 Page - Anachip Corp

  AP451 Datasheet HTML 1Page - Anachip Corp AP451 Datasheet HTML 2Page - Anachip Corp AP451 Datasheet HTML 3Page - Anachip Corp AP451 Datasheet HTML 4Page - Anachip Corp AP451 Datasheet HTML 5Page - Anachip Corp AP451 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AH266
High Voltage Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev 0.2 Jan 19, 2005
4/6
Magnetic Characteristics (Ta=+25oC)
(1mT = 10 Gauss)
A grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
10
-
70
Gauss
Release Point
Brp
-70
-
-10
Gauss
Hysteresis
Bhy
-
80
-
Gauss
B grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
-
-
100
Gauss
Release Point
Brp
-100
-
-
Gauss
Hysteresis
Bhy
-
80
-
Gauss
0
0
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
DO
DOB
Bop
Bop
Brp
Brp
Bhy
Turn on
Turn off
Bhy
Turn off
Turn on
Vsat
Vsat
Performance Characteristics (SIP-4L)
Ta (
°C)
25
50
60
70
80
85
90
95
100
Pd (mW)
550
440
396
352
308
286
264
242
220
Ta (
°C)
105
110
115
120
125
130
135
140
150
Pd (mW)
198
176
154
132
110
88
66
44
0
Power Dissipation Curve
0
100
200
300
400
500
600
0
15
30
45
60
75
90
105
120
135
150
Ta (。C)
Pd (mW )
85



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com