Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDL128G30PEEN Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29PDL128G30PEEN
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G30PEEN Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29PDL128G30PEEN Datasheet HTML 17Page - Advanced Micro Devices AM29PDL128G30PEEN Datasheet HTML 18Page - Advanced Micro Devices AM29PDL128G30PEEN Datasheet HTML 19Page - Advanced Micro Devices AM29PDL128G30PEEN Datasheet HTML 20Page - Advanced Micro Devices AM29PDL128G30PEEN Datasheet HTML 21Page - Advanced Micro Devices AM29PDL128G30PEEN Datasheet HTML 22Page - Advanced Micro Devices AM29PDL128G30PEEN Datasheet HTML 23Page - Advanced Micro Devices AM29PDL128G30PEEN Datasheet HTML 24Page - Advanced Micro Devices AM29PDL128G30PEEN Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
20
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
Note: The address range is A21:A-1 in word mode (WORD#=VIL) or A21:A0 in double word mode (WORD#=VIH). Address bits A21:A11 uniquely
select a sector; address bits A21:A19 uniquely select a bank.
SA231
11100000XXX
32/16
700000h–707FFFh
380000h–383FFFh
SA232
11100001XXX
32/16
708000h–70FFFFh
384000h–387FFFh
SA233
11100010XXX
32/16
710000h–717FFFh
388000h–38BFFFh
SA234
11100011XXX
32/16
718000h–71FFFFh
38C000h–38FFFFh
SA235
11100100XXX
32/16
720000h–727FFFh
390000h–393FFFh
SA236
11100101XXX
32/16
728000h–72FFFFh
394000h–397FFFh
SA237
11100110XXX
32/16
730000h–737FFFh
398000h–39BFFFh
SA238
11100111XXX
32/16
738000h–73FFFFh
39C000h–39FFFFh
SA239
11101000XXX
32/16
740000h–747FFFh
3A0000h–3A3FFFh
SA240
11101001XXX
32/16
748000h–74FFFFh
3A4000h–3A7FFFh
SA241
11101010XXX
32/16
750000h–757FFFh
3A8000h–3ABFFFh
SA242
11101011XXX
32/16
758000h–75FFFFh
3AC000h–3AFFFFh
SA243
11101100XXX
32/16
760000h–767FFFh
3B0000h–3B3FFFh
SA244
11101101XXX
32/16
768000h–76FFFFh
3B4000h–3B7FFFh
SA245
11101110XXX
32/16
770000h–777FFFh
3B8000h–3BBFFFh
SA246
11101111XXX
32/16
778000h–77FFFFh
3BC000h–3BFFFFh
SA247
11110000XXX
32/16
780000h–787FFFh
3C0000h–3C3FFFh
SA248
11110001XXX
32/16
788000h–78FFFFh
3C4000h–3C7FFFh
SA249
11110010XXX
32/16
790000h–797FFFh
3C8000h–3CBFFFh
SA250
11110011XXX
32/16
798000h–79FFFFh
3CC000h–3CFFFFh
SA251
11110100XXX
32/16
7A0000h–7A7FFFh
3D0000h–3D3FFFh
SA252
11110101XXX
32/16
7A8000h–7AFFFFh
3D4000h–3D7FFFh
SA253
11110110XXX
32/16
7B0000h–7B7FFFh
3D8000h–3DBFFFh
SA254
11110111XXX
32/16
7B8000h–7BFFFFh
3DC000h–3DFFFFh
SA255
11111000XXX
32/16
7C0000h–7C7FFFh
3E0000h–3E3FFFh
SA256
11111001XXX
32/16
7C8000h–7CFFFFh
3E4000h–3E7FFFh
SA257
11111010XXX
32/16
7D0000h–7D7FFFh
3E8000h–3EBFFFh
SA258
11111011XXX
32/16
7D8000h–7DFFFFh
3EC000h–3EFFFFh
SA259
11111100XXX
32/16
7E0000h–7E7FFFh
3F0000h–3F3FFFh
SA260
11111101XXX
32/16
7E8000h–7EFFFFh
3F4000h–3F7FFFh
SA261
11111110XXX
32/16
7F0000h–7F7FFFh
3F8000h–3FBFFFh
SA262
11111111000
4/2
7F8000h–7F8FFFh
3FC000h–3FC7FFh
SA263
11111111001
4/2
7F9000h–7F9FFFh
3FC800h–3FCFFFh
SA264
11111111010
4/2
7FA000h–7FAFFFh
3FD000h–3FD7FFh
SA265
11111111011
4/2
7FB000h–7FBFFFh
3FD800h–3FDFFFh
SA266
11111111100
4/2
7FC000h–7FCFFFh
3FE000h–3FE7FFh
SA267
11111111101
4/2
7FD000h–7FDFFFh
3FE800h–3FEFFFh
SA268
11111111110
4/2
7FE000h–7FEFFFh
3FF000h–3FF7FFh
SA269
11111111111
4/2
7FF000h–7FFFFFh
3FF800h–3FFFFFh
Table 5.
Sector Address Table (Sheet 7 of 7)
Bank
Sector
Sector Address
(A21-A11)
Sector Size
(Kwords/
Kdoublewords)
Address Range
(x16)
Address Range
(x32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com