Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M490000000 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # M490000000
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M490000000 Datasheet(HTML) 5 Page - Advanced Micro Devices

  M490000000 Datasheet HTML 1Page - Advanced Micro Devices M490000000 Datasheet HTML 2Page - Advanced Micro Devices M490000000 Datasheet HTML 3Page - Advanced Micro Devices M490000000 Datasheet HTML 4Page - Advanced Micro Devices M490000000 Datasheet HTML 5Page - Advanced Micro Devices M490000000 Datasheet HTML 6Page - Advanced Micro Devices M490000000 Datasheet HTML 7Page - Advanced Micro Devices M490000000 Datasheet HTML 8Page - Advanced Micro Devices M490000000 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
4
Am49DL640BG
March 8, 2002
PR E L I M I N A R Y
Latchup Characteristics . . . . . . . . . . . . . . . . . . . 57
Package Pin Capacitance . . . . . . . . . . . . . . . . . . 57
Flash Data Retention . . . . . . . . . . . . . . . . . . . . . . 57
pSRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 58
pSRAM Power on and Deep Power Down . . . . . 58
Figure 33. Deep Power-down Timing.............................................. 58
Figure 34. Power-on Timing............................................................ 58
pSRAM Address Skew . . . . . . . . . . . . . . . . . . . . . 59
Figure 35. Read Address Skew ..................................................... 59
Figure 36. Write Address Skew...................................................... 59
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 60
FLB073—73-Ball Fine-Pitch Grid Array 8 x 11.6 mm ............. 60
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com