| Electronic Components Datasheet Search |
|
AM29DL640G30WHEN Datasheet(PDF) 55 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29DL640G30WHEN Datasheet(HTML) 55 Page - SPANSION |
|
55 / 56 page ![]() June 6, 2005 Am29DL640G 53 REVISION SUMMARY Revision A (November 7, 2001) Initial release. Revision A+1 (April 15, 2002) Global Changed data sheet status from Advance Information to Preliminary. Ordering Information Changed package marking for Fortified BGA (ordering designator is PC). Revision A+2 (June 7, 2002) Global Added 65 ns speed option. Revision B (September 13, 2002) Global Removed Preliminary designation from data sheet. Revision B+1 (October 21, 2002) Connection Diagrams On 64-ball Fortified BGA package, changed first row and last row to NC in pin diagram. On 48-ball Fine-pitch BGA package, applied note with asterisk to top left hand NC balls. Special Handling Instructions Changed wording to include TSOP and BGA pack- ages. Ordering Information Removed FBGA designation from the PC and WH package type. SecSi Sector Flash Memory Region, and Enter SecSi Sector/Exit SecSi Sector Command Sequence Noted that the A CC function and unlock bypass modes are not available when the SecSi sector is enabled. Byte/Word Program Command Sequence, Sector Erase Command Sequence, and Chip Erase Com- mand Sequence Noted that the SecSi Sector, autoselect, and CFI func- tions are unavailable when a program or erase opera- tion is in progress. Common Flash Memory Interface (CFI) Changed wording in last sentence of third paragraph from, “...the autoselect mode.” to “...reading array data.” Changed CFI website address. Command Definitions Changed wording in last sentence of first paragraph from, “...resets the device to reading array data.” to...”may place the device to an unknown state. A reset command is then required to return the device to read- ing array data.” Table 12. Am29DL640G Command Definitions Changed the first address of the unlock bypass reset command sequence from BA to XXX. CMOS Compatible Added I LR parameter to table. Deleted I ACC parameter from table. AC Characteristics and Read-Only Operations Changed the Chip Enable to Output High Z and Out- put Enable to Output High Z Speed Options from 30 ns to 16 ns. Word/Byte Configuration Changed BYTE# Switching Low to Output High Z Speed Options from 30 ns to 16 ns. TSOP Pin Capacitance Changed all typicals and maximums in table. Added fine-pitch BGA capacitance. Global Removed 65 ns speed option. Revision B+2 (November 11, 2002) Customer Lockable: SecSi Sector NOT Programmed or Protected at the factory. Added second bullet, SecSi sector-protect. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |