Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS640GBC9V Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # BS640GBC9V
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS640GBC9V Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button BS640GBC9V Datasheet HTML 30Page - Advanced Micro Devices BS640GBC9V Datasheet HTML 31Page - Advanced Micro Devices BS640GBC9V Datasheet HTML 32Page - Advanced Micro Devices BS640GBC9V Datasheet HTML 33Page - Advanced Micro Devices BS640GBC9V Datasheet HTML 34Page - Advanced Micro Devices BS640GBC9V Datasheet HTML 35Page - Advanced Micro Devices BS640GBC9V Datasheet HTML 36Page - Advanced Micro Devices BS640GBC9V Datasheet HTML 37Page - Advanced Micro Devices BS640GBC9V Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
32
Am29BDS640G
25903C2 May 9, 2006
Data
Sheet
The system must write the reset command to return to the read mode (or erase-
suspend-read mode if the bank was previously in Erase Suspend).
Program Command Sequence
Programming is a four-bus-cycle operation. The program command sequence is
initiated by writing two unlock write cycles, followed by the program set-up com-
mand. The program address and data are written next, which in turn initiate the
Embedded Program algorithm. The system is not required to provide further con-
trols or timings. The device automatically provides internally generated program
pulses and verifies the programmed cell margin. Table 13 shows the address and
data requirements for the program command sequence.
When the Embedded Program algorithm is complete, that bank then returns to
the read mode and addresses are no longer latched. The system can determine
the status of the program operation by monitoring DQ7 or DQ6/DQ2. Refer to the
“Write Operation Status” section on page 38 section for information on these sta-
tus bits.
Any commands written to the device during the Embedded Program Algorithm
are ignored. Note that a hardware reset immediately terminates the program op-
eration. The program command sequence should be reinitiated once that bank
has returned to the read mode, to ensure data integrity.
Programming is allowed in any sequence and across sector boundaries. A bit can-
not be programmed from “0” back to a “1.” Attempting to do so may cause that
bank to set DQ5 = 1, or cause the DQ7 and DQ6 status bit to indicate the oper-
ation was successful. However, a succeeding read will show that the data is still
“0.” Only erase operations can convert a “0” to a “1.”
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to primarily program to a bank
faster than using the standard program command sequence. The unlock bypass
command sequence is initiated by first writing two unlock cycles. This is followed
by a third write cycle containing the unlock bypass command, 20h. That bank
then enters the unlock bypass mode. A two-cycle unlock bypass program com-
mand sequence is all that is required to program in this mode. The first cycle in
this sequence contains the unlock bypass program command, A0h; the second
cycle contains the program address and data. Additional data is programmed in
the same manner. This mode dispenses with the initial two unlock cycles required
Description
Address
Read Data
Manufacturer ID
(BA) + 00h
0001h
Device ID, Word 1
(BA) + 01h
227Eh
Device ID, Word 2
(BA) + 0Eh
2204h (1.8 V VIO, top boot),
2224h (1.8 V VIO, bottom boot),
2214h (3.0 V VIO, top boot),
2234h (3.0 V VIO, bottom boot)
Device ID, Word 3
(BA) + 0Fh
2201h
Sector Block
Lock/Unlock
(SA) + 02h
0001 (locked),
0000 (unlocked)
Handshaking
(BA) + 03h
43h (reduced wait-state),
42h (standard)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com