Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV640MT110REI Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM29LV640MT110REI
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MT110REI Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM29LV640MT110REI Datasheet HTML 53Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 54Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 55Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 56Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 57Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 58Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 59Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 60Page - Advanced Micro Devices AM29LV640MT110REI Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
55
D A TA
SH EET
AC CHARACTERISTICS
Alternate CE# Controlled Erase and Program Operations
Notes:
1. Not 100% tested.
2. See Erase And Programming Performance on page 57 for more information.
3. For 1–16 words programmed/1–32 bytes programmed.
4. Effective write buffer specification is based upon a 16-word/32-byte write buffer operation.
5. Word/Byte programming specification is based upon a single word/byte programming operation not utilizing the write buffer.
6. When using the program suspend/resume feature, if the suspend command is issued within t
POLL, tPOLL must be fully re-applied
upon resuming the programming operation. If the suspend command is issued after tPOLL, tPOLL is not required again prior to
reading the status bits upon resuming.
Parameter
Description
Speed Options
JEDEC
Std.
90R
100,
100R
112,
112R
120,
120R
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
100
110
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
45
ns
tDVEH
tDS
Data Setup Time
Min
45
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
t
WLEL
t
WS
WE# Setup Time
Min
0
ns
t
EHWH
t
WH
WE# Hold Time
Min
0
ns
t
ELEH
t
CP
CE# Pulse Width
Min
45
ns
t
EHEL
t
CPH
CE# Pulse Width High
Min
30
ns
t
WHWH1
t
WHWH1
Write Buffer Program Operation (Notes 2, 3)
Typ
352
µs
Effective Write Buffer Program
Operation (Notes 2, 4)
Per Byte
Typ
11
µs
Per Word
Typ
22
µs
Accelerated Effective Write Buffer
Program Operation (Notes 2, 4)
Per Byte
Typ
8.8
µs
Per Word
Typ
17.6
µs
Single Word/Byte Program
Operation (Note 2)
Byte
Typ
100
µs
Word
100
Accelerated Single Word/Byte
Programming Operation (Note 2)
Byte
Typ
90
µs
Word
90
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec
t
RH
RESET High Time Before Write (Note 1)
Min
50
ns
t
POLL
Program Valid Before Status Polling (Note 6)
Max
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com