Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D640G90PI Datasheet(PDF) 6 Page - SPANSION

Part # D640G90PI
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

D640G90PI Datasheet(HTML) 6 Page - SPANSION

Back Button D640G90PI Datasheet HTML 2Page - SPANSION D640G90PI Datasheet HTML 3Page - SPANSION D640G90PI Datasheet HTML 4Page - SPANSION D640G90PI Datasheet HTML 5Page - SPANSION D640G90PI Datasheet HTML 6Page - SPANSION D640G90PI Datasheet HTML 7Page - SPANSION D640G90PI Datasheet HTML 8Page - SPANSION D640G90PI Datasheet HTML 9Page - SPANSION D640G90PI Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
4
Am29DL640G
June 6, 2005
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Part Number
Am29DL640G
Speed Option
Standard Voltage Range: VCC = 2.7–3.6 V
70
90
120
Max Access Time (ns), t
ACC
70
90
120
CE# Access (ns), t
CE
70
90
120
OE# Access (ns), t
OE
30
35
50
VCC
VSS
Bank 1 Address
Bank 2 Address
A21–A0
RESET#
WE#
CE#
BYTE#
DQ0–DQ15
WP#/ACC
STATE
CONTROL
&
COMMAND
REGISTER
RY/BY#
Bank 1
X-Decoder
OE#
BYTE#
DQ15–DQ0
Status
Control
A21–A0
A21–A0
Mux
Mux
Mux
Bank 2
X-Decoder
Bank 3
X-Decoder
Bank 4
X-Decoder
Bank 3 Address
Bank 4 Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com