Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESM-075S150DX Datasheet(PDF) 2 Page - Inventronics Inc.

Part # ESM-075S150DX
Description  75W Programmable IP66/IP67 Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-075S150DX Datasheet(HTML) 2 Page - Inventronics Inc.

  ESM-075S150DX Datasheet HTML 1Page - Inventronics Inc. ESM-075S150DX Datasheet HTML 2Page - Inventronics Inc. ESM-075S150DX Datasheet HTML 3Page - Inventronics Inc. ESM-075S150DX Datasheet HTML 4Page - Inventronics Inc. ESM-075S150DX Datasheet HTML 5Page - Inventronics Inc. ESM-075S150DX Datasheet HTML 6Page - Inventronics Inc. ESM-075S150DX Datasheet HTML 7Page - Inventronics Inc. ESM-075S150DX Datasheet HTML 8Page - Inventronics Inc. ESM-075S150DX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 / 12
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
75W Programmable IP66/IP67 Driver
ESM-075SxxxDx
Rev.C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
I-V Operation Area
ESM-075S105Dx
ESM-075S150Dx
ESM-075S210Dx
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input AC Voltage
249 Vac
-
528 Vac
Input DC Voltage
352 Vdc
-
500 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL 8750; 480Vac/ 60Hz
-
-
0.70 mA
IEC 60598-1; 480Vac/ 60Hz
Input AC Current
-
-
0.34 A
Measured at 100% load and 277 Vac input.
-
-
0.20 A
Measured at 100% load and 480 Vac input.
Inrush Current(I2t)
-
-
0.89 A2s
At 480Vac input, 25
C cold start,
duration=252 μs, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.
(1050 , 71 )
(1050 , 43 )
(420 , 107 )
(700 , 107 )
(Ioset,75/Ioset)
(Ioset, 36)
(105, 36)
(10%Ioset,75/Ioset)
(70, 107)
(1050, 36)
0
22
44
66
88
110
132
0
210
420
630
840
1050
1260
Output Current (mA)
Note: 700mA≤Ioset≤1050mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area
(1500 , 50 )
(1500 , 30 )
(630 , 72 )
(1050 , 72 )
(Ioset,75/Ioset)
(Ioset, 25)
(150, 25)
(10%Ioset,75/Ioset)
(105, 72)
(1500, 25)
0
15
30
45
60
75
90
0
300
600
900
1200
1500
1800
Output Current (mA)
Note: 1050mA≤Ioset≤1500mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area
(2100 , 36 )
(2100 , 21 )
(840 , 54 )
(1400 , 54 )
(Ioset,75/Ioset)
(Ioset, 18)
(210, 18)
(10%Ioset,75/Ioset)
(140, 54)
(2100, 18)
0
11
22
33
44
55
66
0
420
840
1260
1680
2100
2520
Output Current (mA)
Note: 1400mA≤Ioset≤2100mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com