Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA723F Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MA723F
Description  Precision voltage regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA723F Datasheet(HTML) 4 Page - NXP Semiconductors

  MA723F Datasheet HTML 1Page - NXP Semiconductors MA723F Datasheet HTML 2Page - NXP Semiconductors MA723F Datasheet HTML 3Page - NXP Semiconductors MA723F Datasheet HTML 4Page - NXP Semiconductors MA723F Datasheet HTML 5Page - NXP Semiconductors MA723F Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
µA723/723C
Precision voltage regulator
1994 Aug 31
4
TYPICAL PERFORMANCE CHARACTERISTICS
Standby Current Drain
as a Function of Input Voltage
Maximum Load Current
as a Function of
Input-Output Voltage
Differential
Load Regulation
Characteristics with
Current Limiting
Current Limiting
Characteristics as a
Function of Junction
Temperature
Maximum Load Current
as a Function of
Input-Output Voltage
Differential
Load Regulation
Characteristics Without
Current Limiting
Load Transient Response
Line Regulation as a
Function of Input-Output
Voltage Differential
Output Impedance as
a Function of Frequency
5.0
4.0
3.0
2.0
1.0
0
0
10
20
30
40
50
INPUT VOLTAGE — V
TA = +70°C
TA = +125°C
VOUT = VREF
IL = 0
TA = –55°C
TA = 0°C
TA = +25°C
0.8
0.7
0.6
0.5
0.4
0.3
–50
0
+50
+100
+150
200
160
120
80
40
0
JUNCTION TEMPERATURE —
°C
SENSE VOLTAGE
LIMIT CURRENT
RSC = 10Ω
LIMIT CURRENT
RSC = 5Ω
200
TA = +25°C
TA = 70°C
TA = +125°C
160
120
80
40
0
TJMAX = 150°C
RTH = 150°C/W
PSTANDBY = 60mW
METAL CAN PACKAGE
(NO HEAT SINK)
0
10
20
30
40
50
(VIN – VOUT) — V
200
160
120
80
40
0
0
10
20
30
40
50
TA = +25°C
TA = 70°C
TA = +125°C
TJMAX = 150°C
RTH = 111°C/W
PSTANDBY = 60mW
DIP PACKAGE
(NO HEAT SINK)
(VIN – VOUT) — V
TA = –55°C
TA = +25°C
TA = +70°C
VOUT = 5V, VIN = +12V
RSC = 10Ω
TA = +125°C
TA = 0°C
+0.1
0
–0.1
–0.2
–0.3
–0.4
20
40
60
80
100
0
OUTPUT CURRENT — mA
+0.05
0
–0.05
–0.1
–0.15
–0.2
0
20
40
60
80
100
OUTPUT CURRENT — mA
TA = 70°C
TA = +25°C
TA = 0°C
TA = +125°C
TA = +55°C
VOUT = 5V
RSC = 0
VIN = +12V
+0.3
+0.2
+0.1
0
–0.1
–0.2
–5
5
15
25
35
45
VOUT = +5V
RSC = 0
TA = +25°C
∆VIN = +3V
IIL = 1mA
(VIN – VOUT) — V
VOUT = 5V
IL = 40mA
VIN = +12V
4.0
RSC = 0
0
–4.0
–8.0
–5
5
15
25
35
45
OUTPUT VOLTAGE
LOAD CURRENT
+10
0
TIME —
µs
10
1.0
0.1
.01
100
1k
10k
100k
1M
FREQUENCY — Hz
VO = +5V
RSC = 0
TA = +25°C
VIN = +12V
IIL = 50mA
C1 = 0
C1 = 1µF
SL00505
Figure 3. Typical Performance Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com