Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA741 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MA741
Description  General purpose operational amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA741 Datasheet(HTML) 3 Page - NXP Semiconductors

  MA741 Datasheet HTML 1Page - NXP Semiconductors MA741 Datasheet HTML 2Page - NXP Semiconductors MA741 Datasheet HTML 3Page - NXP Semiconductors MA741 Datasheet HTML 4Page - NXP Semiconductors MA741 Datasheet HTML 5Page - NXP Semiconductors MA741 Datasheet HTML 6Page - NXP Semiconductors MA741 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
µA741/µA741C/SA741C
General purpose operational amplifier
1994 Aug 31
3
DC ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = ±15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
SA741C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VOS
RS=10kΩ
2.0
6.0
mV
Offset voltage
RS=10kΩ, over temp.
7.5
mV
∆VOS/∆T
10
µV/°C
IOS
20
200
nA
Offset current
Over temp.
500
nA
∆IOS/∆T
200
pA/
°C
IBIAS
80
500
nA
Input bias current
Over temp.
1500
nA
∆IB/∆T
1
nA/
°C
RL=10kΩ
±12
±14
V
VOUT
Output voltage swing
RL=2kΩ, over temp.
±10
±13
V
RL=2kΩ, VO=±10V
20
200
V/mV
AVOL
Large-signal voltage gain
RL=2kΩ, VO=±10V, over temp.
15
V/mV
Offset voltage adjustment range
±30
mV
PSRR
Supply voltage rejection ratio
RS≤10kΩ
10
150
µV/V
CMRR
Common mode rejection ration
70
90
dB
VIN
Input voltage range
Over temp.
±12
±13
V
RIN
Input resistance
0.3
2.0
M
Ω
Pd
Power consumption
50
85
mW
ROUT
Output resistance
75
Ω
ISC
Output short-circuit current
25
mA
AC ELECTRICAL CHARACTERISTICS
TA=25°C, VS = ±15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
µA741, µA741C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
RIN
Parallel input resistance
Open-loop, f=20Hz
0.3
M
Ω
CIN
Parallel input capacitance
Open-loop, f=20Hz
1.4
pF
Unity gain crossover frequency
Open-loop
1.0
MHz
Transient response unity gain
VIN=20mV, RL=2kΩ, CL≤100pF
tR
Rise time
0.3
µs
Overshoot
5.0
%
SR
Slew rate
C
≤100pF, RL≥2kΩ, VIN=±10V
0.5
V/
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com