Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH373C-PLA Datasheet(PDF) 1 Page - Anachip Corp

Part # AH373C-PLA
Description  Internal Pull-up Hall Effect Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH373C-PLA Datasheet(HTML) 1 Page - Anachip Corp

  AH373C-PLA Datasheet HTML 1Page - Anachip Corp AH373C-PLA Datasheet HTML 2Page - Anachip Corp AH373C-PLA Datasheet HTML 3Page - Anachip Corp AH373C-PLA Datasheet HTML 4Page - Anachip Corp AH373C-PLA Datasheet HTML 5Page - Anachip Corp AH373C-PLA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AH266
High Voltage Hall Effect Latch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.2 Jan 19, 2005
1/6
Features
- On-chip Hall plate
- Operating voltage: 4V~28V
- Output current: 400mA(Continuous, 25
oC)
- Reverse protection diode only for chip reverse
power connecting (Note)
- Output protection Zener breakdown Vz=62V(Typ)
- Package: SIP-4L
(Note)
Protection diode only exists at power pin(1,4) output, not
including pin (2,3).
Application
- Dual-coil Brush-less DC Motor
- Dual-coil Brush-less DC Fan
- Revolution Counting
- Speed Measurement
Pin Assignment
1. VCC
2. DO
4. GND
3. DOB
General Description
AH266 is an integrated Hall sensor with output
drivers designed for electronic commutation of
brush-less DC motor applications. The device
includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the
Hall voltage, and a Schmitt trigger to provide
switching hysteresis for noise rejection, and
complementary darlington open-collector drivers for
sinking large current loads. An internal bandgap
regulator
is
used
to
provide
temperature
compensated supply voltage for internal circuits and
allows a wide operating supply range.
If a magnetic flux density (B) is larger than operate
point (Bop), DO turn on (low) and DOB turn off
(high). The outputs state is latched prior to reach
release point (Brp). if B< Brp, DO turn off and DOB
turn on. AH266 is rated for operation over
temperature range from -20
oC to 85 oC and voltage
range from 4V to 28V. The devices are available in
low cost die forms or rugged 4 pin SIP packages.
Pin Configuration
Name
Description
VCC
Positive Power Supply
DO
Output Pin
DOB
Output Pin
GND
Ground
Ordering Information
AH266 X -X X X -X
Packing
Blank : Tube
A : Taping
P: SIP-4L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
A or B


Similar Part No. - AH373C-PLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
Internal Pull-up Hall Effect Latch
Rev. 0.0 Jan 31, 2005
logo
Diodes Incorporated
AH373 DIODES-AH373 Datasheet
184Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH
Rev ersal
logo
Anachip Corp
AH373-P ANACHIP-AH373-P Datasheet
188Kb / 6P
Internal Pull-up Hall Effect Latch
Rev. 0.0 Jan 31, 2005
AH373-PA ANACHIP-AH373-PA Datasheet
188Kb / 6P
Internal Pull-up Hall Effect Latch
Rev. 0.0 Jan 31, 2005
logo
Diodes Incorporated
AH373-PG-A DIODES-AH373-PG-A Datasheet
184Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH
Rev ersal
More results

Similar Description - AH373C-PLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
Internal Pull-up Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
Internal Pull-up Hall Effect Latch
Rev. 0.4 May 7, 2004
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
Internal Pull-up Hall Effect Latch
Rev. 0.0 Jan 31, 2005
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
Rev ersal
AH373 DIODES-AH373 Datasheet
184Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH
Rev ersal
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
Rev erses
AH372 DIODES-AH372 Datasheet
528Kb / 12P
INTERNAL PULL-UP HALL EFFECT LATCH
Rev ersal
logo
Taiwan Semiconductor Co...
TSH193 TSC-TSH193 Datasheet
437Kb / 8P
Pull-up Resistor Integrated Hall Effect Latch
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
Rev erses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com