Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA747C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MA747C
Description  Dual operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA747C Datasheet(HTML) 5 Page - NXP Semiconductors

  MA747C Datasheet HTML 1Page - NXP Semiconductors MA747C Datasheet HTML 2Page - NXP Semiconductors MA747C Datasheet HTML 3Page - NXP Semiconductors MA747C Datasheet HTML 4Page - NXP Semiconductors MA747C Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
µA747C
Dual operational amplifier
August 31, 1994
58
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
10 –13
10 –14
10 –15
10 –16
10 –17
10 –18
10
100
1K
10K
100K
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
10 –21
10 –22
10 –23
10 –24
10 –25
10 –26
10
100
1K
10K
100K
FREQUENCY — Hz
Broadband Noise for
Various Bandwidths
10–1kHz
100
10
1
0.1
100
1K
10K
100K
10–100kHz
10–10kHz
SOURCE RESISTANCE —
Ω
VS = + 15V
TA = 25
oC
Input Noise Current
as a Function of Frequency
Input Noise Voltage
as a Function of Frequency
VS = + 15V
TA = 25
oC
TEST CIRCUITS
+
–
µA747C
VIN
CL
RL
VOUT
10K
Ω
–V
+
–
µA747C
Transient Response Test Circuit
Voltage Offset Null Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com