Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2052 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2052
Description  Dual octal registered transceiver 3-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2052 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2052 Datasheet HTML 1Page - NXP Semiconductors MB2052 Datasheet HTML 2Page - NXP Semiconductors MB2052 Datasheet HTML 3Page - NXP Semiconductors MB2052 Datasheet HTML 4Page - NXP Semiconductors MB2052 Datasheet HTML 5Page - NXP Semiconductors MB2052 Datasheet HTML 6Page - NXP Semiconductors MB2052 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2052
Dual octal registered transceiver (3-State)
1
August 23, 1993
853-1712 10586
FEATURES
• Two 8-bit registered transceivers
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• Multiple V
CC and GND pins minimize
switching noise
• Independent registers for A and B buses
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per
Jedec JC40.2 Std 17
• ESD protection exceeds 2000V per MIL
STD 883 Method 3015 and 200V per
Machine Model
DESCRIPTION
The MB2052 high-performance BiCMOS
device combines low static and dynamic
power dissipation with high speed and high
output drive.
The MB2052 is a dual octal registered
transceiver. Two 8-bit registers store data
flowing in both directions between two
bidirectional buses. Data applied to the inputs
is entered and stored on the rising edge of
the Clock (nCPXX) provided that the Clock
Enable (nCEXX) is Low. The data is then
present at the 3-State output buffers, but is
only accessible when the Output Enable
(nOEXX) is Low. Data flow from A inputs to B
outputs is the same as for B inputs to A
outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nCPBA to nAx or
nCPAB to nBx
CL = 50pF; VCC = 5V
5.7
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
120
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-pin plastic Quad Flat Pack
–40
°C to +85°C
MB2052BB
1418B
PIN CONFIGURATION
LOGIC SYMBOL
46
43
50
40
51
52
48
1A6
2A1
1A7
2A2
GND
1A4
2A4
2A5
2A3
1A3
2A0
1A5
1A2
10
11
12
13
1
2
3
4
5
6
7
8
9
19
17
15
20
23
16
26
14
21
18
1B7
2B2
2B0
GND
1B5
1B4
2B4
2B5
2B3
1B3
2B1
1B6
1B2
39
38
37
36
35
34
33
32
31
30
29
28
27
22
25
24
47
44
49
41
42
45
MB2052
52-pin PQFP
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7
48
49
1CPAB
1CEAB
45
44
1CPBA
1CEBA
50
51
1
2
3
5
6
7
1B0 1B1 1B2 1B3 1B4 1B5 1B6 1B7
42
41
39
38
37
36
35
34
2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7
19
18
2CPAB
2CEAB
22
23
2CPBA
2CEBA
8
9
10
11
12
13
15
16
2B0 2B1 2B2 2B3 2B4 2B5 2B6 2B7
33
32
31
29
28
27
25
24
46
1OEBA
47
1OEAB
21
2OEBA
20
2OEAB


Similar Part No. - MB2052

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB205 SECOS-MB205 Datasheet
248Kb / 2P
Voltage 600V ~ 1000V 2.0 Amp Glass Passivated Bridge Rectifiers Diodes
MB205 SECOS-MB205 Datasheet
248Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers Diodes
MB205L SECOS-MB205L Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205_15 SECOS-MB205_15_07 Datasheet
248Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers Diodes
More results

Similar Description - MB2052

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
Octal registered transceiver 3-State
1998 Feb 11
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
Octal registered transceiver, inverting 3-State
1995 Sep 06
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
Octal registered transceiver, non-inverting 3-State
1994 Dec 5
74LVC543A PHILIPS-74LVC543A Datasheet
104Kb / 12P
Octal D-type registered transceiver 3-State
1998 Jul 31
74LVT2952 PHILIPS-74LVT2952 Datasheet
102Kb / 12P
3.3V LVT octal registered transceiver 3-State
1998 Feb 19
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com