Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV640MB110RPCF Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM29LV640MB110RPCF
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MB110RPCF Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM29LV640MB110RPCF Datasheet HTML 30Page - Advanced Micro Devices AM29LV640MB110RPCF Datasheet HTML 31Page - Advanced Micro Devices AM29LV640MB110RPCF Datasheet HTML 32Page - Advanced Micro Devices AM29LV640MB110RPCF Datasheet HTML 33Page - Advanced Micro Devices AM29LV640MB110RPCF Datasheet HTML 34Page - Advanced Micro Devices AM29LV640MB110RPCF Datasheet HTML 35Page - Advanced Micro Devices AM29LV640MB110RPCF Datasheet HTML 36Page - Advanced Micro Devices AM29LV640MB110RPCF Datasheet HTML 37Page - Advanced Micro Devices AM29LV640MB110RPCF Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
32
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
Figure 5.
Program Operation
Program Suspend/Program Resume
Command Sequence
The Program Suspend command allows the system to
interrupt a programming operation or a Write to Buffer
programming operation so that data can be read from
any non-suspended sector. When the Program Sus-
pend command is written during a programming pro-
cess, the device halts the program operation within 15
μs maximum (5 μs typical) and updates the status bits.
Addresses are not required when writing the Program
Suspend command.
After the programming operation has been sus-
pended, the system can read array data from any
non-suspended sector. The Program Suspend com-
mand can also be issued during a programming oper-
ation while an erase is suspended. In this case, data
can be read from any addresses not in Erase Suspend
or Program Suspend. If a read is needed from the Se-
cured Silicon Sector area (One-time Program area),
then user must use the proper command sequences
to enter and exit this region.
The system can also write the autoselect command
sequence when the device is in the Program Suspend
mode. The system can read as many autoselect codes
as required. When the device exits the autoselect
mode, the device reverts to the Program Suspend
mode, and is ready for another valid operation. See
Autoselect Command Sequence on page 28 for more
information.
After the Program Resume command is written, the
device reverts to programming. The system can deter-
mine the status of the program operation using the
DQ7 or DQ6 status bits, just as in the standard pro-
gram operation. See Write Operation Status on
page 38 for more information.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress
Note: See Table 13 for program command sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com