Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2244 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MB2244
Description  16-bit buffer/line driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2244 Datasheet(HTML) 5 Page - NXP Semiconductors

  MB2244 Datasheet HTML 1Page - NXP Semiconductors MB2244 Datasheet HTML 2Page - NXP Semiconductors MB2244 Datasheet HTML 3Page - NXP Semiconductors MB2244 Datasheet HTML 4Page - NXP Semiconductors MB2244 Datasheet HTML 5Page - NXP Semiconductors MB2244 Datasheet HTML 6Page - NXP Semiconductors MB2244 Datasheet HTML 7Page - NXP Semiconductors MB2244 Datasheet HTML 8Page - NXP Semiconductors MB2244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
MB2244
16-bit buffer/line driver (3-State)
1998 Jan 16
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
nAx to nYx
1
1.2
1.2
3.2
3.1
4.5
4.5
1.2
1.2
5.1
5.1
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.1
1.8
3.0
4.0
4.4
5.4
1.1
1.8
5.1
6.4
ns
tPHZ
tPLZ
Output disable time
from High and Low level
2
1.6
1.7
4.0
3.4
5.6
5.0
1.6
1.7
6.2
5.6
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
nAx INPUT
VM
VM
nYx OUTPUT
VM
VM
tPLH
tPHL
SB00028
Waveform 1. Input (An) to Output (Yn) Propagation Delays
nOE INPUT
VM
VM
tPZH
tPHZ
nYx OUTPUT
VOH
VM
VM
nYx OUTPUT
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SB00036
Waveform 2. 3-State Output Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com