Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUW-040DXXXDX Datasheet(PDF) 1 Page - Inventronics Inc.

Part # EUW-040DXXXDX
Description  40W Programmable IP66/IP67 Tunable White Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUW-040DXXXDX Datasheet(HTML) 1 Page - Inventronics Inc.

  EUW-040DXXXDX Datasheet HTML 1Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 2Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 3Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 4Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 5Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 6Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 7Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 8Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
40W Programmable IP66/IP67 Tunable White Driver
EUW-040DxxxDx
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
Description
The EUW-040DxxxDx series is a 40W, constant-current, programmable IP66/IP67 LED driver that operates from
90-305Vac input with excellent power factor. Created to enhance tunnel, low bay, signage, or wall pack type
applications by offering a simplified white color tuning solution. The high efficiency of these drivers and compact
metal case enables them to run cooler, significantly improving reliability and extending product life. To ensure
trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and over
temperature.
Models
Adjustable
Output
Current
Range
Full-Power
Current
Range (1)
Default
Output
Current
Input
Voltage
Range(2)
Output
Voltage
Range
Max.
Output
Power
Typical
Efficiency
(3)
Typical
Power Factor
Model Number
(4)
120Vac 220Vac
7-1050mA 700-1050mA 700 mA
90~305 Vac/
127~300 Vdc
20~58 Vdc
40W
88.5%
0.99
0.96
EUW-040D105Dx(5)
Notes: (1) Output current range with constant power at 40W
(2) Certified input voltage range: UL, FCC 100-277Vac; otherwise 100-240Vac
(3) Measured at 100% load and 220Vac input (see below “General Specifications” for details)
(4) SELV Output
(5) x = V is CCC and CE model; x = F is UL Recognized model
Adjust Color Temperature Continuously
Adjust Intensity and Color Temperature Separately
40W Max Each Channel with Total 40W Load
1% Min Each Channel with Total 10% Min Dimming
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with Programmability
Isolated 1-5V/1-10V/10V PWM/3-Timer-Modes Dimmable
Flicker Free
Output Lumen Compensation
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OVP, SCP, OTP
IP66/IP67 (DV model)
IP66 and UL Dry/Damp Location (DF model)
SELV Output
TYPE HL, for Use in a Class I, Division 2 Hazardous
(Classified) Location
5 Years Warranty


Similar Part No. - EUW-040DXXXDX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUW-060D105DX INVENTRONICS-EUW-060D105DX Datasheet
843Kb / 16P
60W Programmable IP66/IP67 Tunable White Driver
Rev.C
EUW-060DXXXDX INVENTRONICS-EUW-060DXXXDX Datasheet
843Kb / 16P
60W Programmable IP66/IP67 Tunable White Driver
Rev.C
More results

Similar Description - EUW-040DXXXDX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-EBM-1K2SXXXDG INVENTRONICS-DS-EBM-1K2SXXXDG Datasheet
811Kb / 12P
1200W Programmable IP66/IP67 Driver
Rev.D
DS-ESM-075SXXXDV INVENTRONICS-DS-ESM-075SXXXDV Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-240SXXXDX INVENTRONICS-ESM-240SXXXDX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
EUW-060DXXXDX INVENTRONICS-EUW-060DXXXDX Datasheet
843Kb / 16P
60W Programmable IP66/IP67 Tunable White Driver
Rev.C
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUW-150DXXXDX INVENTRONICS-EUW-150DXXXDX Datasheet
872Kb / 19P
150W Programmable IP66 /IP67 Tunable White Driver
Rev.C
EUW-200DXXXDX INVENTRONICS-EUW-200DXXXDX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-240DXXXDX INVENTRONICS-EUW-240DXXXDX Datasheet
874Kb / 19P
240W Programmable IP66/IP67 Tunable White Driver
Rev.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com