Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUW-240D140DX Datasheet(PDF) 2 Page - Inventronics Inc.

Part # EUW-240D140DX
Description  240W Programmable IP66/IP67 Tunable White Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUW-240D140DX Datasheet(HTML) 2 Page - Inventronics Inc.

  EUW-240D140DX Datasheet HTML 1Page - Inventronics Inc. EUW-240D140DX Datasheet HTML 2Page - Inventronics Inc. EUW-240D140DX Datasheet HTML 3Page - Inventronics Inc. EUW-240D140DX Datasheet HTML 4Page - Inventronics Inc. EUW-240D140DX Datasheet HTML 5Page - Inventronics Inc. EUW-240D140DX Datasheet HTML 6Page - Inventronics Inc. EUW-240D140DX Datasheet HTML 7Page - Inventronics Inc. EUW-240D140DX Datasheet HTML 8Page - Inventronics Inc. EUW-240D140DX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2 / 19
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
240W Programmable IP66/IP67 Tunable White Driver
EUW-240DxxxDx
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
I-V Operation Area
EUW-240D140Dx
EUW-240D500Dx
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input AC Voltage
90 Vac
-
305 Vac
Input DC Voltage
127 Vdc
-
300 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL 8750; 277Vac/ 60Hz
-
-
0.70 mA
IEC 60598-1; 240Vac/ 60Hz
Input AC Current
-
-
2.56 A
Measured at 100% load and 120 Vac input.
-
-
1.37 A
Measured at 100% load and 220 Vac input.
Inrush Current(I2t)
-
-
11.17 A2s
At 220Vac input, 25
C cold start,
duration=628 μs, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.
PF
0.9
-
-
At 100-277Vac, 50-60Hz, 75%-100% Load
(180-240W)
THD
-
-
20%
THD
-
-
10%
At 220-240Vac, 50-60Hz, 75%-100% Load
(180-240W)
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Current Tolerance
-5%Ioset
-
5%Ioset
At 100% load condition
Output Current Setting(Ioset)
Range
EUW-240D140Dx
EUW-240D500Dx
10.5 mA
45 mA
-
-
1400 mA
5000 mA
Output Current Setting Range
with Constant Power
EUW-240D140Dx
EUW-240D500Dx
1050 mA
4500 mA
-
-
1400 mA
5000 mA
(1050 , 228 )
(788 , 228 )
(1400 , 129 )
(1400 , 171 )
(Ioset, 80 )
(Ioset, 240/Ioset)
(1%Ioset, 240/Ioset)
(10.5, 228)
(14, 80)
(1400, 80)
0
46
92
138
184
230
276
0
280
560
840
1120
1400
1680
Output Current (mA)
Note : 1050mA≤Ioset≤1400mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area
(4500 , 54 )
(3375 , 54 )
(5000 , 36 )
(5000 , 48 )
(Ioset, 34 )
(Ioset, 240/Ioset)
(1%Ioset, 240/Ioset)
(45, 54)
(50, 34)
(5000, 34)
24
30
36
42
48
54
60
0
1000
2000
3000
4000
5000
6000
Output Current (mA)
Note : 4500mA≤Ioset≤5000mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com