Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT-080SXXXSTF Datasheet(PDF) 2 Page - Inventronics Inc.

Part # LMT-080SXXXSTF
Description  80W Non-isolated IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LMT-080SXXXSTF Datasheet(HTML) 2 Page - Inventronics Inc.

  LMT-080SXXXSTF Datasheet HTML 1Page - Inventronics Inc. LMT-080SXXXSTF Datasheet HTML 2Page - Inventronics Inc. LMT-080SXXXSTF Datasheet HTML 3Page - Inventronics Inc. LMT-080SXXXSTF Datasheet HTML 4Page - Inventronics Inc. LMT-080SXXXSTF Datasheet HTML 5Page - Inventronics Inc. LMT-080SXXXSTF Datasheet HTML 6Page - Inventronics Inc. LMT-080SXXXSTF Datasheet HTML 7Page - Inventronics Inc. LMT-080SXXXSTF Datasheet HTML 8Page - Inventronics Inc. LMT-080SXXXSTF Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 / 11
Specifications are subject to changes without notice.
80W Non-isolated IP20 Driver
LMT-080SxxxSTF
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Input Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
PF
0.90
-
-
At 220-240Vac, 50-60Hz, 70%-100% Load
(56-80W)
THD
-
-
20%
THD
-
-
10%
At 220-240Vac, 50-60Hz, 75%-100% Load
(60-80W)
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Current Tolerance
-5%Ioset
-
5%Ioset
At 100% load condition
Output Current Setting(Ioset)
Range
LMT-080S050STF
LMT-080S070STF
LMT-080S105STF
250 mA
340 mA
500 mA
-
-
-
500 mA
700 mA
1050 mA
Output Current Setting Range
with Constant Power
LMT-080S050STF
LMT-080S070STF
LMT-080S105STF
350 mA
500 mA
700 mA
-
-
-
500 mA
700 mA
1050 mA
Total Output Current Ripple
(pk-pk)
-
30%Iomax
50%Iomax
At 100% load condition
Output Current Ripple at
< 200 Hz (pk-pk)
-
2%Iomax
-
At 100% load condition. Only this component
of ripple is associated with visible flicker.
Startup Overshoot Current
-
-
10%Iomax
At 100% load condition
No Load Output Voltage
-
-
400 V
Line Regulation
-
-
±
1%
Measured at 100% load
Load Regulation
-
-
±
5%
Turn-on Delay Time
-
-
0.5 s
Measured at 220-240Vac input,
70%-100%load
Temperature Coefficient of
Ioset
-
0.06%/
°C
-
Case temperature = 0
°C ~Tc max
Note: All specifications are typical at 25
°C unless otherwise stated.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 220 Vac input:
LMT-080S050STF
Io= 350 mA
Io= 500 mA
LMT-080S070STF
Io= 500 mA
Io= 700 mA
LMT-080S105STF
Io= 700 mA
Io=1050 mA
92.00%
91.50%
92.00%
91.50%
91.00%
90.00%
94.00%
93.50%
94.00%
93.50%
93.00%
92.00%
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
°C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com