Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT-080S050STF Datasheet(PDF) 7 Page - Inventronics Inc.

Part # LMT-080S050STF
Description  80W Non-isolated IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LMT-080S050STF Datasheet(HTML) 7 Page - Inventronics Inc.

Back Button LMT-080S050STF Datasheet HTML 3Page - Inventronics Inc. LMT-080S050STF Datasheet HTML 4Page - Inventronics Inc. LMT-080S050STF Datasheet HTML 5Page - Inventronics Inc. LMT-080S050STF Datasheet HTML 6Page - Inventronics Inc. LMT-080S050STF Datasheet HTML 7Page - Inventronics Inc. LMT-080S050STF Datasheet HTML 8Page - Inventronics Inc. LMT-080S050STF Datasheet HTML 9Page - Inventronics Inc. LMT-080S050STF Datasheet HTML 10Page - Inventronics Inc. LMT-080S050STF Datasheet HTML 11Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 / 11
Specifications are subject to changes without notice.
80W Non-isolated IP20 Driver
LMT-080SxxxSTF
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Wire Connection
Wire Connection 1
A C I N P U T
~
L
N
L E D L o a d
+
-
R e s i s t o r S e t t i n g
L
B L A C K
N
W H I T E
P E
G R E E N
L E D +
R E D
L E D -
B L A C K
L E D +
R E D
L E D -
B L A C K
I s e t +
W H I T E
I s e t -
B L A C K
Wire Connection 2
A C I N P U T
~
L
N
L E D L o a d
+
-
+
-
L E D L o a d
R e s i s t o r S e t t i n g
L
B L A C K
N
W H I T E
P E
G R E E N
L E D +
R E D
L E D -
B L A C K
L E D +
R E D
L E D -
B L A C K
I s e t +
W H I T E
I s e t -
B L A C K
Parameter
Min.
Typ.
Max.
Notes
L, N,
Wire Cross-section
0.5 mm
2
-
1.5 mm
2
Push-in at 45ºangle, solid and
stranded wire
20 AWG
-
16 AWG
Strip Length
8 mm
-
9 mm
LED+, LED+,
LED-, LED-,
Iset+, Iset-
Wire Cross-section
0.5 mm
2
-
1.5 mm
2
Push-in at 45ºangle, solid and
stranded wire
20 AWG
-
16 AWG
Strip Length
8 mm
-
9 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com