Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT-080S070STF Datasheet(PDF) 10 Page - Inventronics Inc.

Part # LMT-080S070STF
Description  80W Non-isolated IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LMT-080S070STF Datasheet(HTML) 10 Page - Inventronics Inc.

Back Button LMT-080S070STF Datasheet HTML 3Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 4Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 5Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 6Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 7Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 8Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 9Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 10Page - Inventronics Inc. LMT-080S070STF Datasheet HTML 11Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 / 11
Specifications are subject to changes without notice.
80W Non-isolated IP20 Driver
LMT-080SxxxSTF
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
RoHS Compliance
Our products comply with the European Directive 2011/65/EC, calling for the elimination of lead and other
hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com