Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT-080S105STF Datasheet(PDF) 9 Page - Inventronics Inc.

Part # LMT-080S105STF
Description  80W Non-isolated IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LMT-080S105STF Datasheet(HTML) 9 Page - Inventronics Inc.

Back Button LMT-080S105STF Datasheet HTML 3Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 4Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 5Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 6Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 7Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 8Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 9Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 10Page - Inventronics Inc. LMT-080S105STF Datasheet HTML 11Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 / 11
Specifications are subject to changes without notice.
80W Non-isolated IP20 Driver
LMT-080SxxxSTF
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
 LMT-080S105STF
Resistor Setting
(Iset)
Output Current
Output Voltage Range
Notes
Typ.
Typ.
Min.
Max.
/
4.76 k
Ω
1050mA
45V
76V
Output Current Setting with
Constant Power.
5.00 k
Ω
1000mA
45V
80V
5.26 k
Ω
950mA
45V
84V
5.56 k
Ω
900mA
45V
89V
5.88 k
Ω
850mA
47V
94V
6.25 k
Ω
800mA
50V
100V
6.67 k
Ω
750mA
54V
107V
7.14 k
Ω
700mA
57V
114V
7.69 k
Ω
650mA
62V
114V
Output Current Setting with
Power Derating.
8.33 k
Ω
600mA
67V
114V
9.09 k
Ω
550mA
73V
114V
10.00 k
Ω
500mA
80V
114V
Notes:
1.
An external resistor must be set in the setting range as specified to insure the driver operates as
expected.
2.
Either short circuit or open circuit is not allowed for long-term operation.
Mechanical Outline
L
B L A C K
N
W H I T E
P E
G R E E N
L E D +
R E D
L E D -
B L A C K
L E D +
R E D
L E D -
B L A C K
I s e t +
W H I T E
I s e t -
B L A C K
PROJ:
Unspecified tolerance:±1
Tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com