Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9861 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9861 Datasheet HTML 9Page - Analog Devices AD9861 Datasheet HTML 10Page - Analog Devices AD9861 Datasheet HTML 11Page - Analog Devices AD9861 Datasheet HTML 12Page - Analog Devices AD9861 Datasheet HTML 13Page - Analog Devices AD9861 Datasheet HTML 14Page - Analog Devices AD9861 Datasheet HTML 15Page - Analog Devices AD9861 Datasheet HTML 16Page - Analog Devices AD9861 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AD9861
Rev. 0 | Page 13 of 52
0
5
10
15
20
25
30
35
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
40
FREQUENCY (MHz)
Figure 22. AD9861-80 Rx Path Single-Tone FFT of Rx Channel B Path
Digitizing 2 MHz Tone
0
5
10
15
20
25
30
35
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
40
FREQUENCY (MHz)
Figure 23. AD9861-80 Rx Path Single-Tone FFT of Rx Channel B Path
Digitizing 5 MHz Tone
0
5
10
15
20
25
30
35
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
40
FREQUENCY (MHz)
Figure 24. AD9861-80 Rx Path Single-Tone FFT of Rx Channel B Path
Digitizing 24 MHz Tone
0
5
10
15
20
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
25
FREQUENCY (MHz)
Figure 25. AD9861-80 Rx Path Dual-Tone FFT of Rx Channel A Path
Digitizing 1 MHz and 2 MHz Tones
0
5
10
15
20
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
25
FREQUENCY (MHz)
Figure 26. AD9861-80 Rx Path Dual-Tone FFT of Rx Channel A Path
Digitizing 5 MHz and 8 MHz Tones
0
5
10
15
20
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
25
FREQUENCY (MHz)
Figure 27. AD9861-80 Rx Path Dual-Tone FFT of Rx Channel A Path
Digitizing 20 MHz and 25 MHz Tones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com