Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9949 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 3 Page - Analog Devices

  AD9949 Datasheet HTML 1Page - Analog Devices AD9949 Datasheet HTML 2Page - Analog Devices AD9949 Datasheet HTML 3Page - Analog Devices AD9949 Datasheet HTML 4Page - Analog Devices AD9949 Datasheet HTML 5Page - Analog Devices AD9949 Datasheet HTML 6Page - Analog Devices AD9949 Datasheet HTML 7Page - Analog Devices AD9949 Datasheet HTML 8Page - Analog Devices AD9949 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD9949
Rev. B | Page 3 of 36
SPECIFICATIONS
GENERAL SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−20
+85
°C
Storage
−65
+150
°C
MAXIMUM CLOCK RATE
36
MHz
POWER SUPPLY VOLTAGE
AVDD, TCVDD (AFE, Timing Core)
2.7
3.0
3.6
V
HVDD (H1 to H4 Drivers)
2.7
3.0
3.6
V
RGVDD (RG Driver)
2.7
3.0
3.6
V
DRVDD (D0 to D11 Drivers)
2.7
3.0
3.6
V
DVDD (All Other Digital)
2.7
3.0
3.6
V
POWER DISSIPATION
36 MHz, HVDD = RGVDD = 3 V, 100 pF H1 to H4 Loading1
320
mW
Total Shutdown Mode
1
mW
1 The total power dissipated by the HVDD supply may be approximated using the equation
Total HVDD Power = (CLOAD x HVDD x Pixel Frequency) x HVDD x (Number of H – Outputs Used)
Reducing the H-loading, using only two of the outputs, and/or using a lower HVDD supply, reduces the power dissipation.
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD = DVDD = DRVDD = HVDD = RGVDD = 2.7 V, CL = 20 pF, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage, IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage, IOL = 2 mA
VOL
0.5
V
CLI INPUT
High Level Input Voltage
(TCVDD/2 + 0.5 V)
VIH–CLI
1.85
V
Low Level Input Voltage
VIL–CLI
0.85
V
RG AND H-DRIVER OUTPUTS
High Level Output Voltage
(RGVDD – 0.5 V and HVDD – 0.5 V)
VOH
2.2
V
Low Level Output Voltage
VOL
0.5
V
Maximum Output Current (Programmable)
30
mA
Maximum Load Capacitance
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com