Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2245 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2245
Description  16-bit transceivers with direction pins 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2245 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2245 Datasheet HTML 1Page - NXP Semiconductors MB2245 Datasheet HTML 2Page - NXP Semiconductors MB2245 Datasheet HTML 3Page - NXP Semiconductors MB2245 Datasheet HTML 4Page - NXP Semiconductors MB2245 Datasheet HTML 5Page - NXP Semiconductors MB2245 Datasheet HTML 6Page - NXP Semiconductors MB2245 Datasheet HTML 7Page - NXP Semiconductors MB2245 Datasheet HTML 8Page - NXP Semiconductors MB2245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
MB2245
16-bit transceiver with direction pins (3-State)
2
1998 Jan 16
853–1573 18869
FEATURES
16-bit bidirectional bus interface
Power–up 3-State
Multiple V
CC and GND pins minimize switching noise
3-State buffers
Output capability: +64 mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200V per Machine Model
Inputs are disabled during 3-State mode
DESCRIPTION
The MB2245 high-performance BiCMOS device combines low static
and dynamic power dissipation with high speed and high output
drive.
The MB2245 device is a 16-bit transceiver featuring non-inverting
3-State bus compatible outputs in both send and receive directions.
The control function implementation minimizes external timing
requirements. The device features two Output Enable (1OE, 2OE)
inputs for easy cascading and two Direction (1DIR, 2DIR) inputs for
direction control.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF; VCC = 5V
3.2
3.1
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O pin capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
65
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
52–pin plastic Quad Flat Pack
–40
°C to +85°C
MB2245 BB
MB2245 BB
SOT379-1
PIN CONFIGURATION
19
22
20
23
17
16
25
26
24
15
14
21
18
1B7
2B1
GND
GND
GND
1B5
2B3
VCC
2B2
1B4
2B0
1B6
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1A7
2A1
GND
GND
GND
1A5
2A3
VCC
2A2
1A4
2A0
1A6
VCC
39
38
37
36
35
34
33
32
31
30
29
28
27
52–pin PQFP
SB00040
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
47, 19
1DIR, 2DIR
Direction control inputs
(Active-High)
44, 43, 41, 40,
38, 37, 35, 34,
32, 31, 29, 28,
26, 25, 23, 22
1A0 – 1A7,
2A0 – 2A7
Data inputs/outputs (A side)
48, 49, 51, 52,
2, 3, 5, 6,
8, 9, 11, 12,
14, 15, 17, 18
1B0 – 1B7,
2B0 – 2B7
Data outputs/outputs (B side)
45, 21
1OE, 2OE
Output enable (Active-Low)
4, 7, 10, 16, 20,
24, 30, 33, 36,
42, 46, 50
GND
Ground (0V)
1, 13, 27, 39
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com