Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G86DBVR Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC1G86DBVR
Description  Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC1G86DBVR Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC1G86DBVR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G86DBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G86DBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G86DBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G86DBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G86DBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G86DBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G86DBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC1G86DBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Function
(SC70-5/ SOT23-5)
PIN
FUNCTION
1
IN B
2
INA
3
GND
4
Y
5
VCC
DFN6-1.0×1.5
PIN
FUNCTION
1
IN B
2
IN A
3
GND
4
Y
5
NC
6
VCC
Block Diagram
Functional Description
Function Table
Input
Output
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
UMW R
SN74LVC1G86



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com